Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC2810DRG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC2810DRG4
Description  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810DRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPIC2810DRG4 Datasheet HTML 4Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 5Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 6Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 7Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 8Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 9Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 10Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 11Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL = 200 Ω
NOTES: A. The word generator has the following characteristics: tr ≤ 30 ns, tf ≤ 30 ns, pulsed repetition rate (PRR) = 400 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
SDA
SCL
G
A0
DRAIN
DUT
VCC
2
15
8
910
7
16
3−6, 11−14
Output
15 V
5 V
1
Word
Generator
(See Note A)
Test Circuit
5 V
A2 GND
A1
R = 2 k
ID
CL = 30 pF
(See Note B)
tr
G
DRAIN
tf
tPLH
tPHL
90%
10%
90%
10%
50%
50%
5 V
0 V
15 V
0 .5 V
SDA
SCL
t(SP)
tpd(ACK)
tsu(STO)
SDA
SCL
Stop
Start
Repeated
Start
t(BUF)
tf(SDA)
tr(SDA)
tr(SCL)
tLOW
tf(SCL)
tsu(STA)
th(STA)
th(DAT)
tHIGH
tsu(DAT)
Figure 2. Test Circuit, Switching Times and Voltage Waveforms


Numéro de pièce similaire - TPIC2810DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

Description similaire - TPIC2810DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com