Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC2810D Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC2810D
Description  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPIC2810D Datasheet HTML 3Page - Texas Instruments TPIC2810D Datasheet HTML 4Page - Texas Instruments TPIC2810D Datasheet HTML 5Page - Texas Instruments TPIC2810D Datasheet HTML 6Page - Texas Instruments TPIC2810D Datasheet HTML 7Page - Texas Instruments TPIC2810D Datasheet HTML 8Page - Texas Instruments TPIC2810D Datasheet HTML 9Page - Texas Instruments TPIC2810D Datasheet HTML 10Page - Texas Instruments TPIC2810D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
All 8 outputs with equal power
115
°C/W
PARAMETER MEASUREMENT INFORMATION
NOTES: A. The word generator has the following characteristics: tr ≤ 30 ns, tf ≤ 30 ns, pulsed repetition rate (PRR) = 400 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
SCL
SDA
G
D0, 2, 4, 6
D1, 3, 5, 7
D0, 2, 4, 6 = On
D1, 3, 5, 7 = Off
Voltage Waveforms
Acknowledge
Occurs Here
5 V
0 V
5 V
0 V
5 V
0 V
15 V
0 V
15 V
0 V
RL = 200 Ω
SDA
SCL
G
A0
DRAIN
DUT
VCC
2
15
8
910
7
16
3−6, 11−14
Output
15 V
5 V
1
Word
Generator
(See Note A)
Test Circuit
5 V
A2 GND
A1
R = 2 k
ID
CL = 30 pF
(See Note B)
Figure 1. Resistive-Load Test Circuit and Voltage Waveforms


Numéro de pièce similaire - TPIC2810D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

Description similaire - TPIC2810D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com