Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40162 Fiches technique(PDF) 4 Page - Zarlink Semiconductor Inc

No de pièce ZL40162
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40162 Fiches technique(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL40162 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ZL40162
Data Sheet
4
Zarlink Semiconductor Inc.
Electrical Characteristics - TA = 25°C, G = +2, Vs = ± 6V, Rf = Rg = 510Ω, RL = 100Ω / 2pF; Unless
otherwise specified
Symbol
Parameter
Conditions
Min
(Note 1)
Typ
(Note 2)
Max
(Note 3)
Units
Test
Type
Dynamic Performance
-3dB Bandwidth
Vo = 200mVp-p
158
MHz
C
-0.1dB Bandwidth
Vo = 200mVp-p
17
MHz
C
Slew Rate
4V Step O/P, 10-90%
195
V/
µsC
Rise and Fall Time
4V Step O/P, 10-90%
16.4
ns
C
Rise and Fall Time
200mV Step O/P,
10-90%
2.4
ns
C
Differential Gain
NTSC, RL = 150
0.01
%
C
Differential Phase
NTSC, RL = 150
-0.1
deg
C
Distortion and Noise Response
2nd Harmonic
Distortion
Vo = 8.4Vpp,
f =100KHz,RL= 25
Ω/2pF
-65.4
dBc
C
Vo = 8.4Vpp,
f =1MHz,RL = 100
Ω/2pF
-80.8
dBc
C
Vo = 2Vpp,
f =100kHz,RL= 25
Ω/2pF
-93.1
dBc
C
Vo = 2Vpp,
f =1MHz,RL =100
Ω/2pF
-85.5
dBc
C
3rd Harmonic
Distortion
Vo = 8.4Vpp,
f =100KHz,RL=25
Ω/2pF
-69.9
dBc
C
Vo = 8.4Vpp,
f =1MHz,RL =100
Ω/2pF
-74.8
dBc
C
Vo = 2Vpp,
f =100KHz,RL=25
Ω/2pF
-82.7
dBc
C
Vo = 2Vpp,
f =1MHz,RL=100
Ω/2pF
-71.8
dBc
C
MTPR
Multi-Tone Power
Ratio
47.4375 KHz
-76
dBc
C
69 KHz
-74.5
dBc
C
90.5625 KHz
-72
dBc
C
112.125 KHz
-70
dBc
C
Input Noise Voltage
f = 100KHz
3.8
nV/
√Hz
C
Input Noise Current
f = 100KHz
2.7
pA/
√Hz
C
Input Characteristics
Vos
Input Offset Voltage
Tj = -40
°C to 150°C
- 4.2
- 0.3
4.2
mV
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn