Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40162 Fiches technique(PDF) 3 Page - Zarlink Semiconductor Inc

No de pièce ZL40162
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40162 Fiches technique(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL40162 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40162 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ZL40162
3
Zarlink Semiconductor Inc.
Absolute Maximum Ratings - (See Note 1)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Note 3: 1.25kV between the pairs of +INA, -INA and +INB, -INB pins only. 4kV between supply pins, OUTA or OUTB pins and any
input pin.
Note 4: +/-100mA applied to input and output pins to force the device to go into "latch-up". The device passes this test to JEDEC spec
17.
Note 5: Positive and Negative supply transient testing increases the supplies by 20% for 100ms.
Operating Ratings - (See Note 1)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Parameter
Symbol
Min
Max
Units
Vin Differential
VIN
±1.2
V
Output Short Circuit Protection
VOS/C
See Apps Note
in this data
sheet
Supply Voltage
V+, V-
±13.2
V
Voltage at Input Pins
V(+IN), V(-IN)
(V-) -0.8
(V+) +0.8
V
Voltage at Output Pins
VO
±5.5
V
ESD Protection (HBM Human Body Model)
(See Note 2)
4
(Note 3)
kV
Storage Temperature
-55
+150
°C
Latch-up test
+/-100mA for
100ms
(Note 4)
Supply transient test
20% pulse for
100ms
(Note 5)
Parameter
Symbol
Min
Max
Units
Supply Voltage
V+, V-
± 2.5
±6.5
V
Junction Temperature Range
-40
150
°C
Junction to Ambient Resistance
Rth(j-a)
150
°C
4 layer FR5
board
Junction to Case Resistance
Rth(j-c)
60
°C
4 layer FR5
board


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn