Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC43T01 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPIC43T01
Description  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC43T01 Fiches technique(HTML) 4 Page - Texas Instruments

  TPIC43T01 Datasheet HTML 1Page - Texas Instruments TPIC43T01 Datasheet HTML 2Page - Texas Instruments TPIC43T01 Datasheet HTML 3Page - Texas Instruments TPIC43T01 Datasheet HTML 4Page - Texas Instruments TPIC43T01 Datasheet HTML 5Page - Texas Instruments TPIC43T01 Datasheet HTML 6Page - Texas Instruments TPIC43T01 Datasheet HTML 7Page - Texas Instruments TPIC43T01 Datasheet HTML 8Page - Texas Instruments TPIC43T01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLT
8
I
Capacitor lock timer. CLT is a timing capacitor for the lock detect timer oscillator.
CP1
23
O
Charge pump. CP1 is the switched capacitor output number 1.
CP2
24
O
Charge pump. CP2 is the switched capacitor output number 2.
CT
9
I
Timing capacitor. CT is the timing capacitor for the filter oscillator.
F/R
19
I
Forward/Reverse. F/R is the forward/reverse direction data input.
FGIN –
6
I
FGIN – is a inverting amplifier input.
FGIN+
7
O
FGIN+ is a noninverting amplifier input.
FGOUT
5
O
FGOUT is a amplifier output.
FGSOUT
14
O
FGSOUT is a buffered FGS comparator output.
FSEL
17
I
Frequency select. FSEL is a frequency select input.
GND
15
Ground
IN1 –
38
I
Hall amplifier 1 inverting input
IN1+
37
I
Hall amplifier 1 noninverting input
IN2 –
2
I
Hall amplifier 2 inverting input
IN2+
1
I
Hall amplifier 2 noninverting input
IN3 –
4
I
Hall amplifier 3 inverting input
IN3+
3
I
Hall amplifier 3 non-inverting input
LD
16
O
Lock Detect. LD is an active low, open-drain output.
LGA
32
I
Lower gate drive A
LGB
29
I
Lower gate drive B
LGC
28
I
Lower gate drive C
OSC1
12
I
Crystal oscillator input 1. OSC1 is an external OSC input.
OSC2
11
I
Crystal oscillator input 2. OSC2 is an external OSC input.
PGND
21
PGND is the lower gate drive turnoff circuitry GND return.
PHA
34
I
Phase A return
PHB
30
I
Phase B return
PHC
26
I
Phase C return
RT
10
O
RT is the charge/discharge current setting resistor for filter and lock timer oscillators.
S/S
18
I
Stop/Start. S/S = low to start.
SENSE
25
I
Current limit sense. SENSE is the high-side current limit sense input.
TEST
36
I
Test enable
UGA
33
I
Upper gate drive A
UGB
31
I
Upper gate drive B
UGC
27
I
Upper gate drive C
VCC
20
I
Supply voltage
VCP
22
O
Charge-pump voltage source. VCP requires a storage capacitor.
VDD
13
O
5 V Supply output
VPP
35
I
EEPROM programming voltage input


Numéro de pièce similaire - TPIC43T01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T01DA TI-TPIC43T01DA Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

Description similaire - TPIC43T01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com