Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC6A259NE Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC6A259NE
Description  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6A259NE Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPIC6A259NE Datasheet HTML 3Page - Texas Instruments TPIC6A259NE Datasheet HTML 4Page - Texas Instruments TPIC6A259NE Datasheet HTML 5Page - Texas Instruments TPIC6A259NE Datasheet HTML 6Page - Texas Instruments TPIC6A259NE Datasheet HTML 7Page - Texas Instruments TPIC6A259NE Datasheet HTML 8Page - Texas Instruments TPIC6A259NE Datasheet HTML 9Page - Texas Instruments TPIC6A259NE Datasheet HTML 10Page - Texas Instruments TPIC6A259NE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPIC6A259
POWER LOGIC 8BIT ADDRESSABLE LATCH
SLIS004B − APRIL 1993 − REVISED SEPTEMBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
OUTPUT CURRENT
vs
TIME FOR INCREASING LOAD RESISTANCE
Region 1
Region 2
t1
t2
First output current pulses after turn-on in chopping mode
with resistive load.
0
0.75
1.5
0
t1 ≈ 40 µs
t2 ≈ 2.5 ms
Time
Time
IOK
(see Notes A
and B)
REGION 1 CURRENT WAVEFORM
IOK
t2
t1
t1
1.25
1
0.5
0.25
NOTES: A. Figure 3 illustrates the output current characteristics of the device energizing a load having initially low, increasing resistance, e.g.,
an incandescent lamp. In region 1, chopping occurs and the peak current is limited to IOK. In region 2, output current is continuous.
The same characteristics occur in reverse order when the device energizes a load having an initially high, decreasing resistance.
B. Region 1 duty cycle is approximately 2%.
Figure 3. Chopping-Mode Characteristics
0.9
0.6
0.3
0
− 50
− 25
0
25
50
75
1.2
OUTPUT CURRENT LIMIT
vs
CASE TEMPERATURE
100
TC − Case Temperature − °C
1.5
125
150
VCC = 5.5 V
VCC = 4.5 V
Figure 4


Numéro de pièce similaire - TPIC6A259NE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A259NE TI-TPIC6A259NE Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

Description similaire - TPIC6A259NE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com