Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC6A259DWG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC6A259DWG4
Description  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6A259DWG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPIC6A259DWG4 Datasheet HTML 4Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 5Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 6Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 7Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 8Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 9Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 10Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 11Page - Texas Instruments TPIC6A259DWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPIC6A259
POWER LOGIC 8BIT ADDRESSABLE LATCH
SLIS004B − APRIL 1993 − REVISED SEPTEMBER 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
+
2500
µF
250 V
L = 1 mH
IF
(see Note B)
RG
VGG
(see Note A)
Driver
TP A
50
Circuit
Under
Test
DRAIN
24 V
t1
t3
t2
TP K
TEST CIRCUIT
0.35 A
IF
0
IRM
(see Note C)
25% of IRM
ta
trr
di/dt = 20 A/
µs
CURRENT WAVEFORM
NOTES: A. The VGG amplitude and RG are adjusted for di/dt = 20 A/µs. A VGG double-pulse train is used to set IF = 0.35 A, where t1 = 10 µs,
t2 = 7 µs, and t3 = 3 µs.
B. The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the
TP A test point.
C. IRM = maximum recovery current
Figure 5. Reverse-Recovery-Current Test Circuit and Waveforms of Source-Drain Diode
TEST CIRCUIT
5 V
15 V
VCC
DRAIN
LGND
CLR
L = 210 mH
VDS
D
Word
Generator
(see Note A)
G
DUT
1
PGND
tw
tav†
IAS = 600 mA
V(BR)DSX = 50 V
MIN
VOLTAGE AND CURRENT WAVEFORMS
Input
ID
VDS
See Note B
S0
S1
S2
ID
5 V
0 V
† Non-JEDEC symbol for avalanche time.
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration, tw, is increased until peak current IAS = 600 mA.
Energy test level is defined as EAS = (IAS × V(BR)DSX × tav)/2 = 75 mJ.
Figure 6. Single-Pulse Avalanche Energy Test Circuit and Waveforms


Numéro de pièce similaire - TPIC6A259DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A259DW TI-TPIC6A259DW Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

Description similaire - TPIC6A259DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com