Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4E05U06 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD4E05U06
Description  1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06 Fiches technique(HTML) 5 Page - Texas Instruments

  TPD4E05U06 Datasheet HTML 1Page - Texas Instruments TPD4E05U06 Datasheet HTML 2Page - Texas Instruments TPD4E05U06 Datasheet HTML 3Page - Texas Instruments TPD4E05U06 Datasheet HTML 4Page - Texas Instruments TPD4E05U06 Datasheet HTML 5Page - Texas Instruments TPD4E05U06 Datasheet HTML 6Page - Texas Instruments TPD4E05U06 Datasheet HTML 7Page - Texas Instruments TPD4E05U06 Datasheet HTML 8Page - Texas Instruments TPD4E05U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
TPD4E05U06-Q1, TPD1E05U06-Q1
www.ti.com
SLVSCO7B – AUGUST 2014 – REVISED AUGUST 2016
Product Folder Links: TPD4E05U06-Q1 TPD1E05U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Transition line pulse with 100 ns width, 200 ps rise time.
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I = 5 A and I = 10 A.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
INPUT – OUTPUT RESISTANCE
VRWM
Reverse stand-off voltage
IIO < 10 µA
5.5
V
VBR
Break-down voltage
IIO = 1 mA
6.4
8.7
V
VCLAMP
Clamp voltage
IPP = 1 A, TLP, from I/O to GND
(1)
10
V
IPP = 5 A, TLP, from I/O to GND
(1)
14
IPP = 1 A, TLP, from GND to I/O
(1)
3
IPP = 5 A, TLP, from GND to I/O
(1)
7.5
ILEAK
Leakage current
VIO = 2.5 V
1
10
nA
RDYN
Dynamic
resistance
DPY package
I/O to GND(2)
0.8
Ω
GND to I/O(2)
0.7
DQA package
I/O to GND(2)
0.96
GND to I/O(2)
0.9
CAPACITANCE
CL
Line capacitance
VIO = 2.5 V, f = 1 MHz, I/O to
GND
TPD1E05U06-Q1
DPY package
0.42
pF
TPD4E05U06-Q1
DQA package
0.5
Δ CIO-TO-GND
Variation of input capacitance
GND Pin = 0 V, f = 1 MHz, VBIAS = 2.5 V,
Channel x pin to GND – channel y pin to GND
0.05
0.08
pF
CCROSS
Channel to channel input
capacitance
GND Pin = 0 V, f = 1 MHz, VBIAS = 2.5 V, between
channel pins
0.04
0.08
pF


Numéro de pièce similaire - TPD4E05U06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E05U06 TI1-TPD4E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06 TI1-TPD4E05U06 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
More results

Description similaire - TPD4E05U06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com