Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD3S716QDBQRQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD3S716QDBQRQ1
Description  Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S716QDBQRQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPD3S716QDBQRQ1 Datasheet HTML 2Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 3Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 4Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 5Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 6Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 7Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 8Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 9Page - Texas Instruments TPD3S716QDBQRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TPD3S716-Q1
SLVSDH9C – MARCH 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPD3S716-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, VEN = 0 V, DEN = 0 V, VBUS_SYS = 5 V, VIN = 3.3 V, VD+/VD–/D+/D–/VBUS_CON =
float (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
VEN, DEN
Set VEN (DEN)= 0 V; Sweep VEN (DEN) to 1.4 V;
Measure when VBUS (Data) FET turns off
1.2
V
VIL
Low-level input voltage
VEN, DEN
Set VEN (DEN) = 3.3 V; Sweep VEN (DEN) from
3.3 V to 0.5 V; Measure when VBUS (Data) FET
turns on
0.8
V
IIL
Input Leakage Current
VEN, DEN
V(VEN) (V(DEN))= 3.3 V ; Measure Current into VEN
(DEN) pin
1
µA
VOL
Low-level output
voltage
FLT
IOL = 3 mA
0.4
V
OCP CIRCUIT—VBUS
ILIM
Overcurrent limit, RADJ
= 280 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
505
620
mA
ILIM
Overcurrent limit, RADJ
= 158 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
0.905
1.1
A
ILIM
Overcurrent limit, RADJ
= 143 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
1.005
1.2
A
ILIM
Overcurrent limit, RADJ
= 93.1 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
1.505
1.8
A
ILIM
Overcurrent limit, RADJ
= 76.8 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
1.8
2.16
A
ILIM
Overcurrent limit, RADJ
= 66.5 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
2.105
2.57
A
ILIM
Overcurrent limit, RADJ
= 57.6 k
Ω ± 1%
VBUS
Progressively load VBUS_CON until device asserts
FLT
2.405
2.93
A
ILIM
Overcurrent limit, IADJ =
GND
VBUS
Progressively load VBUS_CON until device asserts
FLT
550
700
850
mA
ILIM
Overcurrent limit, IADJ =
VBUS_SYS
VBUS
Progressively load VBUS_CON until device asserts
FLT
1.1
1.4
1.7
A
OVER TEMPERATURE PROTECTION
TSD(RISING)
The rising over-temperature protection
shutdown threshold
VBUS_SYS = 5 V, VEN = 0 V, DEN = 0 V, No Load
on VBUS_CON, TA stepped up until FLT is asserted
150
165
180
TSD(FALLING)
The falling over-temperature protection
shutdown threshold
VBUS_SYS = 5 V, VEN = 0 V, DEN = 0 V, No Load
on VBUS_CON, TA stepped down from TSD(RISING)
until FLT is deasserted
125
130
142
TSD(HYST)
The over-temperature protection
shutdown threshold hysteresis
TSD(RISING) – TSD(FALLING)
10
35
55
OVP CIRCUIT—VBUS
VOVP(RISING)
Input overvoltage
protection threshold
VBUS_CON
Increase VBUS_CON from 5 V to 7 V. Measure when
FLT is asserted
5.6
5.8
6
V
VHYS(OVP)
Hysteresis on OVP
VBUS_CON
Difference between rising and falling OVP
thresholds on VBUS_CON
50
mV
VOVP(FALLING)
Input overvoltage
protection threshold
VBUS_CON
Decrease VBUS_CON from 7 V to 5 V. Measure
when FLT is deasserted
5.52
5.75
5.98
V
VREV_SUPPLY(RISING)
Reverse supply
detection threshold
VBUS_CON
VBUS_SYS
Set VBUS_SYS to 5 V. Increase VBUS_CON from
VBUS_SYS to VBUS_SYS + 300 mV. Measure the value
of VBUS_CON – VBUS_SYS when FLT asserts.
25°C
≤ TA ≤ 125°C
140
200
260
mV
VREV_SUPPLY(FALLING)
Reverse supply
detection threshold
VBUS_CON
VBUS_SYS
Set VBUS_SYS to 5 V. Decrease VBUS_CON from
VBUS_SYS + 300 mV to VBUS_SYS. Measure the value
of VBUS_CON – VBUS_SYS when FLT deasserts.
25°C
≤ TA ≤ 125°C
70
120
165
mV
VREV_SUPPLY(HYST)
Hysteresis on reverse
supply detection
VBUS_CON
VBUS_SYS
Difference between rising and falling reverse
supply detection thresholds
80
mV
VUVLO(SYS_RISING)
Undervoltage lockout
rising for VBUS_SYS
VBUS_SYS
VBUS_SYS voltage rising from 0 V to 5 V
3.1
3.3
3.6
V
VHYS(UVLO_SYS)
VBUS_SYS UVLO
Hysteresis
VBUS_SYS
Difference between rising and falling UVLO
thresholds on VBUS_SYS
50
75
100
mV
VUVLO(SYS_FALLING)
Undervoltage lockout
falling for VBUS_SYS
VBUS_SYS
VBUS_SYS voltage falling from 5 V to 2.9 V
3
3.2
3.5
V


Numéro de pièce similaire - TPD3S716QDBQRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713A-Q1 TI-TPD3S713A-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713AQRVCRQ1 TI-TPD3S713AQRVCRQ1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
More results

Description similaire - TPD3S716QDBQRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
SynQor Worldwide Headqu...
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com