Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD3S014 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD3S014
Description  Current Limit Switch and D/D??ESD Protection for USB Host Ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S014 Fiches technique(HTML) 4 Page - Texas Instruments

  TPD3S014 Datasheet HTML 1Page - Texas Instruments TPD3S014 Datasheet HTML 2Page - Texas Instruments TPD3S014 Datasheet HTML 3Page - Texas Instruments TPD3S014 Datasheet HTML 4Page - Texas Instruments TPD3S014 Datasheet HTML 5Page - Texas Instruments TPD3S014 Datasheet HTML 6Page - Texas Instruments TPD3S014 Datasheet HTML 7Page - Texas Instruments TPD3S014 Datasheet HTML 8Page - Texas Instruments TPD3S014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPD3S014, TPD3S044
SLVSCP4B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
–0.3
6
VOUT
–0.3
6
Input voltage(3)
EN
–0.3
6
V
D1
–0.3
6
D2
–0.3
6
Voltage from VIN to VOUT
–6
6
V
Junction temperature, TJ
Internally limited
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are with respect to GND unless otherwise noted.
(3)
See the Input and Output Capacitance section.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
All pins
±2000
001(1)
Charged device model (CDM), per JEDEC specification
Electrostatic
All pins
±500
V(ESD)
V
JESD22-C101(2)
discharge
IEC 61000-4-2 contact discharge(3)
VOUT, Dx pins
±12000
IEC 61000-4-2 air-gap discharge(3)
VOUT, Dx pins
±15000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±500 V
may actually have higher performance.
(3)
VOUT was tested on a PCB with input and output bypassing capacitors of 0.1 µF and 120 µF, respectively.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
4.5
5.5
V
VEN
Input voltage, EN
0
5.5
V
VIH
High-level Input voltage, EN
2
V
VIL
Low-level Input voltage, EN
0.7
V
CIN
Input decoupling capacitance, IN to GND
0.1
µF
Continuous output current (TPD3S014)
0.5
IOUT
(1)
A
Continuous output current (TPD3S044)
1.5
TJ
Operating junction temperature
–40
125
°C
(1)
Package and current ratings may require an ambient temperature derating of 85°C
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD3S014 TPD3S044


Numéro de pièce similaire - TPD3S014

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014TDBVRQ1 TI1-TPD3S014TDBVRQ1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

Description similaire - TPD3S014

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com