Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E10B09DPYR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E10B09DPYR
Description  Single-Channel ESD Protection Device in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09DPYR Fiches technique(HTML) 1 Page - Texas Instruments

  TPD1E10B09DPYR Datasheet HTML 1Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 2Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 3Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 4Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 5Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 6Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 7Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 8Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GND Line
Connector
(Source of ESD)
ESD Sensitive Device
1
1
2
2
IO Line 1
IO Line 2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD1E10B09
SLLSEB0D – FEBRUARY 2012 – REVISED SEPTEMBER 2015
TPD1E10B09 Single-Channel ESD Protection Device in 0402 Package
1 Features
3 Description
The
TPD1E10B09
device
is
a
single-channel
1
Provides System-Level ESD Protection for I/O
electrostatic
discharge
(ESD)
transient
voltage
Interfaces up to ±9 V
suppression (TVS) diode in a small 0402 package.
IEC 61000-4-2 Level 4
This ESD protection diode offers ±20 kV IEC 61000-
±20 kV (Air-Gap Discharge),
4-2 (level 4) contact and air-gap ESD protection. The
back-to-back TVS diode configuration allows for
±20 kV (Contact Discharge)
bipolar or bidirectional signal support. The 10-pF line
IEC 61000-4-5 Surge Protection
capacitance
is
suitable
for
a
wide
range
of
4.5 A (8/20 µs)
applications supporting data rates up to 500 Mbps.
The 0402 package is an industry standard and is
I/O Capacitance 10 pF (Typical)
convenient
for
component
placement
in
space-
RDYN 0.5 Ω (Typical)
constrained applications.
DC Breakdown Voltage ±9.5 V (Minimum)
Typical applications of this ESD protection TVS diode
Ultra Low Leakage Current 100 nA (Maximum)
are circuit protection for audio lines (microphone,
13-V Clamping Voltage (Max at IPP = 1 A)
earphone, and speaker phone), SD interfacing,
keypad or other buttons, VBUS pin and ID pin of USB
Industrial Temperature Range: –40°C to 125°C
ports, and general-purpose I/O ports. This ESD clamp
Space-Saving 0402 Footprint
is good for the protection of end equipment like
(1 mm × 0.6 mm × 0.5 mm)
eBooks, tablets, remote controllers, wearables, set-
top boxes, and electronic point of sale equipment.
2 Applications
Device Information(1)
End Equipment:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Tablets
TPD1E10B09
X1SON (2)
0.60 mm × 1.00 mm
Remote Controllers
(1) For all available packages, see the orderable addendum at
Wearables
the end of the data sheet.
Set-Top Boxes
Electronic Point of Sale (EPOS)
eBooks
Interfaces:
Audio Lines
Push-buttons
General-Purpose Input and Output (GPIO)
Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPD1E10B09DPYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E10B09DPYR TI1-TPD1E10B09DPYR Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

Description similaire - TPD1E10B09DPYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com