Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E10B06QDPYRQ1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E10B06QDPYRQ1
Description  1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V Breakdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06QDPYRQ1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPD1E10B06QDPYRQ1 Datasheet HTML 5Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 6Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 7Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 8Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 9Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 10Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 11Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 12Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
TPD1E10B06-Q1
www.ti.com
SLVSDN7A – AUGUST 2016 – REVISED AUGUST 2016
Product Folder Links: TPD1E10B06-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 Dynamic Resistance
The IO pins feature an ESD clamp that has a low RDYN of 0.32 Ω (Pin 1 to Pin 2) and 0.38 Ω (Pin 2 to Pin 1)
which prevents system damage during ESD events.
7.3.7 DC Breakdown Voltage
The DC breakdown voltage between the IO pins is a minimum of 6 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of 5.5 V.
7.3.8 Ultra Low Leakage Current
The IO pins feature an ultra-low leakage current of 100 nA (maximum) with a bias of 5 V.
7.3.9 Clamping Voltage
The IO pins feature an ESD clamp that is capable of clamping the voltage to 10 V (IPP = 1 A) and 14V (IPP = 5
A).
7.3.10 Industrial Temperature Range
This device features an industrial operating range of –40°C to +125°C
7.3.11 Space-Saving Footprint
This device features a space-saving, industry standard 0402 footprint.
7.4 Device Functional Modes
The TPD1E10B06-Q1 is a passive clamp that has low leakage during normal operation when the voltage
between pin 1 and pin 2 is below VRWM and activates when the voltage between pin 1 and pin 2 goes above VBR.
During IEC ESD events, transient voltages as high as ±30 kV can be clamped between the two pins. When the
voltages on the protected lines fall below the trigger voltage, the device reverts back to the low leakage passive
state.


Numéro de pièce similaire - TPD1E10B06QDPYRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E10B06QDPYRQ1 TI-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E10B06QDPYRQ1 LEIDITECH-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Description similaire - TPD1E10B06QDPYRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
[Old version datasheet]   ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
TPD1E10B06-Q1 TI-TPD1E10B06-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com