Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E01B04DPYT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E01B04DPYT
Description  TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E01B04DPYT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPD1E01B04DPYT Datasheet HTML 4Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 5Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 6Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 7Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 8Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 9Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 10Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 11Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IO
GND
Copyright © 2016, Texas Instruments Incorporated
8
TPD1E01B04
SLVSDG3B – MARCH 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD1E01B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD1E01B04 device is a bidirectional ESD Protection Diode with ultra-low capacitance. This device can
dissipate ESD strikes above the maximum level specified by the IEC 61000-4-2 International Standard. The ultra-
low capacitance makes this device ideal for protecting any super high-speed signal pins including Thunderbolt 3.
The low capacitance allows for extremely low losses even at RF frequencies such as USB 3.1 Gen 2,
Thunderbolt 3, or antenna applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 IEC 61000-4-2 ESD Protection
The I/O pins can withstand ESD events up to ±15-kV contact and ±17-kV air gap. An ESD-surge clamp diverts
the current to ground.
7.3.2 IEC 61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50-
impedance). An ESD-surge clamp diverts the current to ground.
7.3.3 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 2.5 A and 27 W (8/20 µs waveform). An ESD-surge clamp diverts
this current to ground.
7.3.4 IO Capacitance
The capacitance between each I/O pin to ground is 0.18 pF (typical) and 0.20 pF (maximum). This device
supports data rates up to 20 Gbps.
7.3.5 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is ±6.4 V (typical). This ensures that sensitive equipment is protected
from surges above the reverse standoff voltage of ±3.6 V.
7.3.6 Ultra Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (maximum) with a bias of ±2.5 V
7.3.7 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 9.2 V (IPP = 5 A).
7.3.8 Supports High Speed Interfaces
This device is capable of supporting high speed interfaces up to 20 Gbps, because of the extremely low IO
capacitance.
7.3.9 Industrial Temperature Range
This device features an industrial operating range of –40°C to +125°C.


Numéro de pièce similaire - TPD1E01B04DPYT

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results

Description similaire - TPD1E01B04DPYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
logo
Tripp Lite. All Rights ...
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
Tripp Lite. All Rights ...
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
   USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com