Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E01B04DPYT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E01B04DPYT
Description  TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E01B04DPYT Fiches technique(HTML) 3 Page - Texas Instruments

  TPD1E01B04DPYT Datasheet HTML 1Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 2Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 3Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 4Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 5Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 6Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 7Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 8Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
TPD1E01B04
www.ti.com
SLVSDG3B – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TPD1E01B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DPL Package
2-Pin X2SON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
IO
I/O
ESD Protected Channel. If used as ESD IO, connect pin 2 to ground
2
IO
I/O
ESD Protected Channel. If used as ESD IO, connect pin 1 to ground


Numéro de pièce similaire - TPD1E01B04DPYT

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results

Description similaire - TPD1E01B04DPYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
logo
Tripp Lite. All Rights ...
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
Tripp Lite. All Rights ...
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
   USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com