Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3137D2 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3137D2
Description  TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3137D2 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA3137D2 Datasheet HTML 6Page - Texas Instruments TPA3137D2 Datasheet HTML 7Page - Texas Instruments TPA3137D2 Datasheet HTML 8Page - Texas Instruments TPA3137D2 Datasheet HTML 9Page - Texas Instruments TPA3137D2 Datasheet HTML 10Page - Texas Instruments TPA3137D2 Datasheet HTML 11Page - Texas Instruments TPA3137D2 Datasheet HTML 12Page - Texas Instruments TPA3137D2 Datasheet HTML 13Page - Texas Instruments TPA3137D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Total Output Power (W)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
10
20
30
40
50
60
70
80
90
100
D015
PVcc = 6V
PVcc = 13V
PVcc = 14.4V
10
TPA3137D2
SLOS956A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPA3137D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All Measurements taken at 26dB closed loop gain, 1-kHz audio, T A= 25°C unless otherwise noted. Measurements were
made with AES17 filter using the TPA3137D2 EVM, which is available at ti.com.
AVCC=PVCC = 6 V, 13 V, 14.4 V, Load = 4
Ω + 33 µH
Figure 15. Efficiency vs Output Power (PBTL)
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Specifications section.
Most audio analyzers will not give correct readings of Class-D amplifiers’ performance due to their sensitivity to
out of band noise present at the amplifier output. An AES-17 pre analyzer filter is recommended to use for Class-
D amplifier measurements. In absence of such filter, a 30-kHz low-pass filter (10
Ω + 47 nF) can be used to
reduce the out of band noise remaining on the amplifier outputs.


Numéro de pièce similaire - TPA3137D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3130 TI-TPA3130 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3130D2 TI1-TPA3130D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3130D2 TI-TPA3130D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3130D2DAP TI1-TPA3130D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3130D2DAP TI1-TPA3130D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

Description similaire - TPA3137D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com