Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3107D2PAPTG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPA3107D2PAPTG4
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3107D2PAPTG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA3107D2PAPTG4 Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 9Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 10Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 11Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 12Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 13Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ti.com
0.1
1
20
0.01
10m
100m
1
10 20
40
P
− OutputPower − W
O
1kHz
V
=18V
R =8
Gain=20dB
CC
L
W
20Hz
10kHz
10
0.1
1
20
0.01
10m
100m
1
10 20 40
P
− OutputPower − W
O
1kHz
10kHz
V
=24V
R =8
Gain=20dB
CC
L
W
20Hz
10
0.1
1
20
0.01
10m
100m
1
10 20 30
P
− OutputPower − W
O
10
1kHz
10kHz
V
=18V
R =8
Gain=32dB
CC
L
W
70
20Hz
0.1
1
10
0.01
10m
100m
1
10 20 30
P
− OutputPower − W
O
1kHz
10kHz
V
=24V
R =8
Gain=32dB
CC
L
W
20Hz
TPA3107D2
SLOS509B – OCTOBER 2006 – REVISED JULY 2007
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 9.
Figure 10.
10
Submit Documentation Feedback


Numéro de pièce similaire - TPA3107D2PAPTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3107D2PAPTG4 TI-TPA3107D2PAPTG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPTG4 TI-TPA3107D2PAPTG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3107D2PAPTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com