Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA721DGNG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPA721DGNG4
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA721DGNG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA721DGNG4 Datasheet HTML 6Page - Texas Instruments TPA721DGNG4 Datasheet HTML 7Page - Texas Instruments TPA721DGNG4 Datasheet HTML 8Page - Texas Instruments TPA721DGNG4 Datasheet HTML 9Page - Texas Instruments TPA721DGNG4 Datasheet HTML 10Page - Texas Instruments TPA721DGNG4 Datasheet HTML 11Page - Texas Instruments TPA721DGNG4 Datasheet HTML 12Page - Texas Instruments TPA721DGNG4 Datasheet HTML 13Page - Texas Instruments TPA721DGNG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
−0.5
−1
−1.5
−2
f − Frequency − Hz
−0.25
−0.75
−1.25
−1.75
0
0.5
0.25
0.75
130
°
120
°
140
°
150
°
160
°
VDD = 3.3 V
RL = 8 Ω
PO = 250 mW
BTL
1
170
°
180
°
Gain
Phase
101
102
103
104
105
106
−0.5
−1
−1.5
−2
f − Frequency − Hz
−0.25
−0.75
−1.25
−1.75
0
0.5
0.25
0.75
130
°
120
°
140
°
150
°
160
°
VDD = 5 V
RL = 8 Ω
PO = 700 mW
BTL
1
170
°
180
°
Gain
Phase
101
102
103
104
105
106
TPA721
SLOS231E – NOVEMBER 1998 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 17.
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 18.
10


Numéro de pièce similaire - TPA721DGNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA721DGNG4 TI-TPA721DGNG4 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Description similaire - TPA721DGNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com