Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMBT3906W Fiches technique(PDF) 3 Page - Formosa MS

No de pièce FMBT3906W
Description  SMD PNP Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906W Fiches technique(HTML) 3 Page - Formosa MS

  FMBT3906W Datasheet HTML 1Page - Formosa MS FMBT3906W Datasheet HTML 2Page - Formosa MS FMBT3906W Datasheet HTML 3Page - Formosa MS FMBT3906W Datasheet HTML 4Page - Formosa MS FMBT3906W Datasheet HTML 5Page - Formosa MS FMBT3906W Datasheet HTML 6Page - Formosa MS FMBT3906W Datasheet HTML 7Page - Formosa MS FMBT3906W Datasheet HTML 8Page - Formosa MS FMBT3906W Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PARAMETER
Collector-Base breakdown voltage
Collector-Emitter
voltage(3)
breakdown
Emitter-Base
voltage
breakdown
Base cutoff current
CONDITIONS
Symbol
V
(BR)CBO
V
CEO
(BR)
V
EBO
(BR)
I
BL
I
CEX
MIN.
TYP.
MAX.
-40
-40
-5.0
-50
UNIT
V
V
V
nA
-50
Formosa MS
o
Characteristics (AT T =25 C unless otherwise noted)
A
Off characteristics
I = -10uA, I = 0
c
E
I = -1mA, I = 0
c
B
I = -10uA, I = 0
c
C
Collector cutoff current
V
= -30Vdc, V
= -3.0Vdc
CE
EB
V
= -30Vdc, V
= -3.0Vdc
CE
EB
3.Pulse test : pukse width < 300uS, duty cycle < 2.0%.
PARAMETER
DC current gain
CONDITIONS
Symbol
h
FE
MIN.
TYP.
MAX.
60
80
100
60
UNIT
-
Vdc
30
On characteristics(3)
I = -0.1mA, V
= -1.0V
c
CE
I = -1.0mA, V
= -1.0V
c
CE
I = -10mA, V
= -1.0V
c
CE
I = -50mA, V
= -1.0V
c
CE
I = -100mA, V
= -1.0V
c
CE
Collector-Emitter saturation voltage(3)
Base-Emitter saturation voltage(3)
I = -10mA, I = -1.0mA
c
B
I = -50mA, I = -5.0mA
c
B
I = -10mA, I = -1.0mA
c
B
I = -50mA, I = -5.0mA
c
B
Vdc
-0.25
-0.40
-0.85
-0.95
-0.65
V
CE(sat)
V
BE(sat)
PARAMETER
Input capacitance
CONDITIONS
Symbol
C
ibo
MIN.
TYP.
MAX.
250
4.5
10
2.0
UNIT
-
0.1
Small-signal characteristics
I = -10mA, V
= -20V, f = 100MHz
C
CE
Output admittance
V
= -5.0V, I = -100uA, RS = 1.0K ohms, f = 1.0KHz
CE
C
dB
400
60
4.0
h
fe
NF
Current-gain-bandwidth product(4)
Output capacitance
Input impedance
Voltage feeback radio
Small-signal current gain
Noise figure
V
= -5.0V, I = 0, f = 1.0MHz
CB
E
V
= -0.5V, I = 0, f = 1.0MHz
EB
C
V
= -10A, I = -1.0mA, f = 1.0KHz
CE
C
V
= -10V, I = -1.0mA, f = 1.0KHz
CE
C
V
= -10V, I = -1.0mA, f = 1.0KHz
CE
C
V
= -10V, I = -1.0mA, f = 1.0KHz
CE
C
f
T
C
obo
h
ie
h
re
h
oe
12
10.0
100
3.0
-4
X 10
umhos
pF
kohms
MHz
pF
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
PARAMETER
Storage time
CONDITIONS
Symbol
ts
MIN.
TYP.
MAX.
35
225
UNIT
Switching characteristics
Delay time
Rise time
Fall time
V
= -3.0V, V
= 0.5V, I = -10mA, I
= -1.0mA
CC
BE
C
B1
td
tr
tf
75
V
= -3.0V, I =-10mA, I
= I
= -1.0mA
CC
C
B1
B2
ns
35
4.f is defined as the frequency at which h extrapolates to unity.
T
fe
FMBT3906W
300
5. Pulse Test: Pulse Width <=300µs, Duty cycle«=2.0%
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231132
2009/08/10
2010/03/10
B
10
SMD PNP Transistor


Numéro de pièce similaire - FMBT3906W

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
First Components Intern...
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
logo
Formosa MS
FMBT3906DW1 FORMOSA-FMBT3906DW1 Datasheet
141Kb / 10P
   Dual PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
   200mA Silicon PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
   SMD PNP Transistor
More results

Description similaire - FMBT3906W

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
   SMD PNP Transistor
FMBT2907AW FORMOSA-FMBT2907AW Datasheet
71Kb / 9P
   PNP SMD Transistor
FMBT4403 FORMOSA-FMBT4403_17 Datasheet
232Kb / 10P
   SMD PNP Transistor
logo
TAITRON Components Inco...
MMBTA92 TAITRON-MMBTA92 Datasheet
162Kb / 3P
   SMD High Voltage Transistor (PNP)
BC856A TAITRON-BC856A Datasheet
165Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT2907A TAITRON-MMBT2907A Datasheet
157Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT3906 TAITRON-MMBT3906 Datasheet
234Kb / 4P
   SMD General Purpose Transistor (PNP)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA55 TAITRON-MMBTA55 Datasheet
202Kb / 3P
   SMD General Purpose Transistor (PNP)
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com