Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC850B Fiches technique(PDF) 9 Page - Formosa MS

No de pièce BC850B
Description  SMD NPN Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

BC850B Fiches technique(HTML) 9 Page - Formosa MS

  BC850B Datasheet HTML 1Page - Formosa MS BC850B Datasheet HTML 2Page - Formosa MS BC850B Datasheet HTML 3Page - Formosa MS BC850B Datasheet HTML 4Page - Formosa MS BC850B Datasheet HTML 5Page - Formosa MS BC850B Datasheet HTML 6Page - Formosa MS BC850B Datasheet HTML 7Page - Formosa MS BC850B Datasheet HTML 8Page - Formosa MS BC850B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Page 9
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
High reliability test capabilities
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity Reverse
Bias
Resistance to Soldering Heat
P =225mW Test Duration:1000hrs
D
Tj= 150℃, V = 80% related volage, 1000hrs
CE
-55℃(15min) to 150℃(15min)Air to Air Transition Time<20sec Test Cycles:1000cycle
P= 2atm Ta= 121℃ RH= 100% Test Duration: 96hrs
Ta= 150℃ Test Duration: 1000hrs
245℃,5sec
Ta= 85℃, 85% RH, V = 80% related volage, 1000hrs
CE
260℃,10sec
Item Test
Conditions
BC846A/B-BC847A/B/C
BC849B/C-BC850B/C
BC848A/B/C-
DS-231154
2009/08/10
2011/07/21
C
9
SMD NPN Transistor


Numéro de pièce similaire - BC850B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC850B PHILIPS-BC850B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BC850B KEXIN-BC850B Datasheet
1Mb / 3P
   NPN Transistors
logo
Siemens Semiconductor G...
BC850B SIEMENS-BC850B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Yea Shin Technology Co....
BC850B YEASHIN-BC850B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Infineon Technologies A...
BC850B INFINEON-BC850B Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results

Description similaire - BC850B

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com