Moteur de recherche de fiches techniques de composants électroniques |
|
BC846A Fiches technique(PDF) 7 Page - Formosa MS |
|
BC846A Fiches technique(HTML) 7 Page - Formosa MS |
7 / 9 page Packing information Page 7 P0 P1 E B d F W P A D D1 D2 W1 C T http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 Formosa MS Document ID Issued Date Revised Date Revision Page. Item Tolerance SOT-23 Carrier width Carrier length Carrier depth Sprocket hole 13" Reel outside diameter 7" Reel outside diameter 13" Reel inner diameter 7" Reel inner diameter Feed hole diameter Sprocket hole position Punch hole position Punch hole pitch Sprocket hole pitch Embossment center Reel width Overall tape thickness Tape width P0 P1 E B C d F T W P A D D D1 D1 D2 W1 Symbol 0.1 0.1 0.1 min min 0.5 0.1 0.3 1.0 0.1 0.1 0.1 0.1 0.1 0.1 2.0 2.0 unit:mm 1.50 - 178.00 - 55.00 13.00 1.75 3.50 4.00 4.00 2.00 0.23 8.00 12.0 Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above. 3.15 2.77 1.22 BC846A/B-BC847A/B/C BC849B/C-BC850B/C BC848A/B/C- DS-231154 2009/08/10 2011/07/21 C 9 SMD NPN Transistor |
Numéro de pièce similaire - BC846A |
|
Description similaire - BC846A |