Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3094 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TP3094
Description  Handles four voice channels
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TP3094 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TP3094_12 Datasheet HTML 7Page - Texas Instruments TP3094_12 Datasheet HTML 8Page - Texas Instruments TP3094_12 Datasheet HTML 9Page - Texas Instruments TP3094_12 Datasheet HTML 10Page - Texas Instruments TP3094_12 Datasheet HTML 11Page - Texas Instruments TP3094_12 Datasheet HTML 12Page - Texas Instruments TP3094_12 Datasheet HTML 13Page - Texas Instruments TP3094_12 Datasheet HTML 14Page - Texas Instruments TP3094_12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
www.national.com
Absolute Maximum Ratings
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/Dis-
tributors for availability and specifications.
VCC to DGND
7V
Voltage at any digital inputs or outputs
VCC +0.3V to DGND -0.3V
Voltage at any analog inputs or outputs
VCC +0.3V to AGND-0.3V
Storage temperature range
-65oC to +150oC
Lead temperature(Soldering, 10 Sec)
260oC
ESD (human body model)
2000 V
Latch-up immunity on any pin
200 mA
Electrical Characteristics
Unless otherwise noted, limits printed in bold characters are guaranteed for VCC(all supplies)=5.0V±5%,
DGND=AGND=0V, TA=-40°C to 85°C by correlation with 100% electrical testing at TA=25°C. All other limits are
assured by correlation with other production tests and/or product design and characterization. All digital signals
are referenced to DGND, and all analog signals are referenced to AGND. Typical are specified at VCC=+5V,
TA=25°C.
Digital Interface
Analog Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input low voltage
All digital inputs
0.8
V
VIH
Input high voltage
All digital inputs
2.2
V
VOL
Output low voltage
IL=2mA
0.4
V
VOH
Output high voltage
IL=-2mA
IL=-100uA
2.4
3.5
V
V
IIL
Input low current
DGND<VIN<VIL, all digital inputs
-10
10
µA
IIH
Input high current
VIH<VIN<VCC, all digital inputs
-10
10
µA
IOZ
Output current in high
impedance state
DGND<VO<VCC (DX)
-10
10
µA
Ci
Input Capacitance
10
pF
IXI
Input leakage current
1V<VXI<4V, all analog inputs in
Power UP mode
-200
200
nA
RXI
Input resistance
1V<VXI<4V, all analog inputs
10
M
CXI
Input capacitance
1V<VXI<4V, all analog inputs
10
pF
VCMXI
Transmit input common
mode voltage range
-10%
2.375
+10%
V
VCMXO
Receive input common
mode voltage range
-10%
2.375
+10%
V
RRO
Output resistance
All analog outputs
5
10
RROZ
Output resistance in
PDN
2000
RLRO
Load resistance
0.7V<VRO<4.1V, VROi
5000
CLRO
Load capacitance
VRO
100
pF
AVXA
Voltage Gain
VXI to GXO,RL on GXO>10k
5000
V/V
FUXA
Unity Gain Bandwidth
1
2
MHz
RLGXO
Load resistance
0.7V<VGX<4.1V, GXOi
10000
CLGXO
Load capacitance
GXO
50
pF
VRO
RX output drive level
RL=5000Ω
1.12
Vrms


Numéro de pièce similaire - TP3094_12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3094V NSC-TP3094V Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
More results

Description similaire - TP3094_12

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX34460EVKIT MAXIM-MAX34460EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 9/12
MAX34461EVKIT MAXIM-MAX34461EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 10/12
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
Freescale Semiconductor...
S12TIM16B4CV1 FREESCALE-S12TIM16B4CV1 Datasheet
445Kb / 32P
   Four input capture/output compare channels
logo
Suzhou Everest Semicond...
ES7210 EVEREST-ES7210 Datasheet
1Mb / 11P
   High Performance Four Channels Audio ADC
logo
PHOENIX CONTACT
2878447 PHOENIX-2878447 Datasheet
400Kb / 25P
   Inline Terminal With Four Differential Analog Input Channels
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com