Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3054WM-X63 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TP3054WM-X63
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WM-X63 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TP3054WM-X63 Datasheet HTML 6Page - Texas Instruments TP3054WM-X63 Datasheet HTML 7Page - Texas Instruments TP3054WM-X63 Datasheet HTML 8Page - Texas Instruments TP3054WM-X63 Datasheet HTML 9Page - Texas Instruments TP3054WM-X63 Datasheet HTML 10Page - Texas Instruments TP3054WM-X63 Datasheet HTML 11Page - Texas Instruments TP3054WM-X63 Datasheet HTML 12Page - Texas Instruments TP3054WM-X63 Datasheet HTML 13Page - Texas Instruments TP3054WM-X63 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TP3054-X, TP3057-X
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
www.ti.com
Transmission Characteristics
Unless otherwise noted, limits printed in BOLD characters are ensured for VCC = +5.0V ±5%, VBB = −5.0V ±5%; TA = −40°C
to +85°C by correlation with 100% electrical testing at TA = 25°C. All other limits are assured by correlation with other
production tests and/or product design and characterization. GNDA = 0V, f = 1.02 kHz, VIN = 0 dBm0, transmit input amplifier
connected for unity gain non inverting. Typicals are specified at VCC = +5.0V, VBB = −5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
Absolute Levels
Nominal 0 dBm0 Level is 4 dBm
1.2276
Vrms
(Definition of nominal gain)
(600
Ω) 0 dBm0
tMAX
Max Overload Level
TP3054 (3.17 dBm0)
2.501
VPK
TP3057 (3.14 dBm0)
2.492
VPK
GXA
TA=25°C, VCC=5V, VBB=−5V
Transmit Gain, Absolute
−0.15
0.15
dB
Input at GSx=0 dBm0 at 1020 Hz
GXR
f=16 Hz
−40
dB
f=50 Hz
−30
dB
f=60 Hz
−26
dB
f=200 Hz
−1.8
−0.1
dB
f=300 Hz–3000 Hz
−0.15
0.15
dB
Transmit Gain, Relative to GXA
f=3152 Hz
−0.15
0.20
dB
f=3300 Hz
−0.35
0.1
dB
f=3400 Hz
−0.7
0
dB
f=4000 Hz
−14
dB
f=4600 Hz and Up, Measure
−32
dB
Response from 0 Hz to 4000 Hz
GXAT
Absolute Transmit Gain Variation with
Relative to GXA
−0.15
0.15
dB
Temperature
GXAV
Absolute Transmit Gain Variation with
Relative to GXA
−0.05
0.05
dB
Supply Voltage
GXRL
Sinusoidal Test Method
Reference Level=
−10 dBm0
Transmit Gain Variations with Level
VFXI
+=−40 dBm0 to +3 dBm0
−0.2
0.2
dB
VFXI
+=−50 dBm0 to −40 dBm0
−0.4
0.4
dB
VFXI
+=−55 dBm0 to −50 dBm0
−1.2
1.2
dB
GRA
TA=25°C, VCC=5V, VBB=−5V
Receive Gain, Absolute
Input=Digital Code Sequence
−0.20
0.20
dB
for 0 dBm0 Signal at 1020 Hz
GRR
f=0 Hz to 3000 Hz
−0.15
0.15
dB
f=3300 Hz
−0.35
0.1
dB
Receive Gain, Relative to GRA
f=3400 Hz
−0.7
0
dB
f=4000 Hz
−14
dB
GRAT
Absolute Receive Gain Variation with
Relative to GRA
−0.15
0.15
dB
Temperature
GRAV
Absolute Receive Gain Variation with
Relative to GRA
−0.05
0.05
dB
Supply Voltage
GRRL
Sinusoidal Test Method; Reference
Input PCM Code Corresponds to an
Ideally Encoded
Receive Gain Variations with Level
PCM Level =
−40 dBm0 to +3 dBm0
−0.2
0.2
dB
PCM Level =
−50 dBm0 to −40 dBm0
−0.4
0.4
dB
PCM Level =
−55 dBm0 to −50 dBm0
−1.2
1.2
dB
VRO
Receive Output Drive Level
RL=600Ω
−2.5
2.5
V
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: TP3054-X TP3057-X


Numéro de pièce similaire - TP3054WM-X63

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3054WM-X NSC-TP3054WM-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Description similaire - TP3054WM-X63

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com