Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL4503SDM Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce HCPL4503SDM
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503SDM Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL4503SDM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 9Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 10Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4/29/04
Page 7 of 12
© 2004 Fairchild Semiconductor Corporation
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
HCPL4503M
Pulse Gen
CM
V
V
FF
B
A
+-
+5 V
O
V
-
I
F
3
4
+
F
V
-
2
1
Shield
Noise
6
O
5
GND
7
8
V
N/C
CC
V
L
R
PLH
OL
V
VO
0
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at A : I = 16 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
3
I Monitor
F
4
I/f < 100
µs
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
O
+
V
F
I
F
-
2
1
Shield
Noise
V
O
O
6
5
GND
7
8
V
N/C
L
R
CC
V
+5 V
0.1
µF
L
C = 1.5
µF
0.1
µF
f
t
m
R
90%
Fig. 8 Common Mode Immunity Test Circuit
Fig. 7 Switching Time Test Circuit


Numéro de pièce similaire - HCPL4503SDM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL4503SDM FAIRCHILD-HCPL4503SDM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503SDM FAIRCHILD-HCPL4503SDM Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL4503SDM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com