Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCBN425QB1CX0 Fiches technique(PDF) 3 Page - Finisar Corporation.

No de pièce FCBN425QB1CX0
Description  100G Quadwire짰 QSFP28 Active Optical Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1CX0 Fiches technique(HTML) 3 Page - Finisar Corporation.

  FCBN425QB1CX0 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1CX0 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FCBN425QB1Cxx Product Specification
 Finisar Corporation January 2016
B3
Page 3
26
GND
Ground
1
27
ModPrsL
Module Present
28
IntL
Interrupt
29
Vcc Tx
+3.3 V Power supply transmitter
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
32
GND
Ground
1
33
Tx3p
Transmitter Non-Inverted Data Input
34
Tx3n
Transmitter Inverted Data Input
35
GND
Ground
1
36
Tx1p
Transmitter Non-Inverted Data Input
37
Tx1n
Transmitter Inverted Data Input
38
GND
Ground
1
Notes
1.
Circuit ground is internally isolated from chassis ground.
II.
General Product Characteristics
Parameter
Value
Unit
Notes
Module Form Factor
QSFP28
As defined by SFF-8661
Number of Lanes
4 Tx and 4 Rx
Maximum Aggregate Data Rate
103.125
Gb/s
Maximum Data Rate per Lane
25.781
Gb/s
Standard Cable Lengths
1, 3, 5, 10, 15, 20, 30, 50,
100
meters
Other lengths may be available upon
request
Protocols Supported
Typical applications include
InfiniBand QDR/FDR/EDR,
10/25/40G/100G Ethernet,
4/8/16/32G Fibre Channel,
SAS3
Electrical Interface and Pin-out
38-pin edge connector
Pin-out as defined by SFF-8679
Standard Optical Cable Type
Multimode round fiber
cable, plenum-rated
OFNP. Low Smoke Zero Halogen
(LSZH), round fiber cable also available
Maximum Power Consumption per
End
3.5 (retimed Tx)
2.5 (unretimed)
Watts
Varies with output voltage swing and
pre-emphasis settings
Management Interface
Serial, I2C-based, 450 kHz
maximum frequency
As defined by SFF-8636
Data Rate Specifications
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate per Lane
BR
10.000
25.781
25.781
Gb/sec
1
Pre-FEC Bit Error Ratio
BER
10
-6
2
Post-FEC Bit Error Ratio
BER
10
-12
2, 3
Notes:
1.
Supports 10/25/40/100 Gigabit Ethernet applications.
2.
Tested with a PRBS 2
31-1 test pattern.
3.
Assumes FEC provided by host system.


Numéro de pièce similaire - FCBN425QB1CX0

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FCBN425QB1CX0 FINISAR-FCBN425QB1CX0 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

Description similaire - FCBN425QB1CX0

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com