Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCBG110SD1C01 Fiches technique(PDF) 6 Page - Finisar Corporation.

No de pièce FCBG110SD1C01
Description  RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG110SD1C01 Fiches technique(HTML) 6 Page - Finisar Corporation.

  FCBG110SD1C01 Datasheet HTML 1Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 2Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 3Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 4Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 5Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 6Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 7Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 8Page - Finisar Corporation. FCBG110SD1C01 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FCBG110SD1Cxx Product Specification
VIII. PCB Layout and Bezel Recommendations
Figure 3.
 Finisar Corporation - July 2015
Rev. C1
Page 6


Numéro de pièce similaire - FCBG110SD1C01

FabricantNo de pièceFiches techniqueDescription
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results

Description similaire - FCBG110SD1C01

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com