Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFAF30U20DN Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce FFAF30U20DN
Description  Ultrafast Recovery Power Rectifier
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF30U20DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFAF30U20DN Datenblatt HTML 1Page - Fairchild Semiconductor FFAF30U20DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF30U20DN Datenblatt HTML 3Page - Fairchild Semiconductor FFAF30U20DN Datenblatt HTML 4Page - Fairchild Semiconductor FFAF30U20DN Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A, March 2004
©2004 Fairchild Semiconductor Corporation
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
80
0.0
0.5
1.0
1.5
2.0
T
C = 25
o
C
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
200
400
600
800
1000
Typical Capacitance
at 0V = 856 pF
Reverse Voltage , V
R [V]
100
500
0
1
2
3
4
5
6
7
8
I
F = 30A
T
C = 25
oC
di/dt [A/
µs]
0
50
100
150
200
0.001
0.01
0.1
1
10
100
1000
T
C = 100
oC
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
40
50
60
70
80
90
100
I
F = 10A
T
C = 25
oC
di/dt [A/
µs]
100
500
20
25
30
35
40
45
50
I
F = 30A
Tc = 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
10
20
30
40
50
Case Temperature , T
C [
o
C]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FFP12UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
MSRD620CTSWITCHMODE Soft Ultrafast Recovery Power Rectifier 1 2 3 4 5 MoreON Semiconductor
FFP20UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP20SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF12UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF30UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP30UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP30SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFA60UP30DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn