Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX232EIPW Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce MAX232EIPW
Description  Dual RS-232 Driver and Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232EIPW Fiches technique(HTML) 1 Page - Texas Instruments

  MAX232EIPW Datasheet HTML 1Page - Texas Instruments MAX232EIPW Datasheet HTML 2Page - Texas Instruments MAX232EIPW Datasheet HTML 3Page - Texas Instruments MAX232EIPW Datasheet HTML 4Page - Texas Instruments MAX232EIPW Datasheet HTML 5Page - Texas Instruments MAX232EIPW Datasheet HTML 6Page - Texas Instruments MAX232EIPW Datasheet HTML 7Page - Texas Instruments MAX232EIPW Datasheet HTML 8Page - Texas Instruments MAX232EIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RX
TX
POWER
5 V
DIN
ROUT
DOUT
RS-232
RIN
RS-232
2
2
250 kb/s
IEC61000-4-2
2
2
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MAX232E
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
MAX232E Dual RS-232 Driver and Receiver With IEC61000-4-2 Protection
1
1 Features
1
Meets or Exceeds TIA/RS-232-F and ITU
Recommendation V.28
ESD Protection for RS-232 Bus Pins
±15-kV Human-Body Model (HBM)
±8-kV IEC61000-4-2, Contact Discharge
±15-kV IEC61000-4-2, Air-Gap Discharge
Operates From a Single 5-V Power Supply With
1-µF Charge-Pump Capacitors
Operates up to 250 kbit/s
Two Drivers and Two Receivers
Low Supply Current: 8 mA Typical
2 Applications
TIA/RS-232-F
Battery-Powered Systems
Terminals
Modems
Computers
3 Description
The MAX232E is a dual driver and receiver that
includes a capacitive voltage generator to supply RS-
232-F compliant voltage levels from a single 5-V
supply. Each receiver converts RS-232 inputs to 5-V
TTL/CMOS
levels.
This
receiver
has
a
typical
threshold of 1.3 V, a typical hysteresis of 0.5 V, and
can accept ±30-V inputs. Each driver converts
TTL/CMOS input levels into TIA/RS-232-F levels.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
MAX232ECD
MAX232EID
SOIC (16)
9.90 mm × 3.91 mm
MAX232ECDW
MAX232EIDW
SOIC WIDE (16)
10.30 mm × 7.50 mm
MAX232ECN
MAX232EIN
PDIP (16)
19.30 mm × 6.35 mm
MAX232ECPW
MAX232EIPW
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Numéro de pièce similaire - MAX232EIPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MAX232EIPW TI-MAX232EIPW Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232EIPW TI-MAX232EIPW Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIPW TI-MAX232EIPW Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIPW TI-MAX232EIPW Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIPWG4 TI-MAX232EIPWG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
More results

Description similaire - MAX232EIPW

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com