Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62300YZDT Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS62300YZDT
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62300YZDT Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62300YZDT Datasheet HTML 1Page - Texas Instruments TPS62300YZDT Datasheet HTML 2Page - Texas Instruments TPS62300YZDT Datasheet HTML 3Page - Texas Instruments TPS62300YZDT Datasheet HTML 4Page - Texas Instruments TPS62300YZDT Datasheet HTML 5Page - Texas Instruments TPS62300YZDT Datasheet HTML 6Page - Texas Instruments TPS62300YZDT Datasheet HTML 7Page - Texas Instruments TPS62300YZDT Datasheet HTML 8Page - Texas Instruments TPS62300YZDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
DISSIPATION RATINGS
(1)
ELECTRICAL CHARACTERISTICS
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
FOR TA≤ 25°C
ABOVE TA = 25°C
DRC
49
°C/W
2050 mW
21 mW/
°C
YZD
250
°C/W
400 mW
4 mW/
°C
YED
250
°C/W
400 mW
4 mW/
°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max)-TA] / θJA
V
I = 3.6 V, VO = 1.6 V, EN = VI, MODE/SYNC = GND, L = 1 µH, CO = 10 µF, TA = -40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.7
6
V
TPS6230x
IO = 0 mA. PFM mode enabled, device not switching
86
105
µA
TPS6232x
Operating
TPS6231x
IO = 0 mA. PFM mode enabled, device not switching
86
120
µA
IQ
quiescent
current
TPS6230x
IO = 0 mA. Switching with no load
TPS6231x
3.6
mA
(MODE/SYNC = VIN)
TPS6232x
I(SD)
Shutdown current
EN = GND
0.1
1
µA
TPS6230x
2.40
2.55
V
Undervoltage
TPS6232x
V(UVLO)
lockout threshold
TPS6231x
2.00
2.20
V
ENABLE, MODE/SYNC
V(EN)
EN high-level input voltage
1.2
V
V(MODE/SYNC)
MODE/SYNC high-level input voltage
1.3
V
V(EN),
EN, MODE/SYNC low-level input
0.4
V
V(MODE/SYNC)
voltage
I(EN),
EN, MODE/SYNC input leakage
EN, MODE/SYNC = GND or VIN
0.01
1
µA
I(MODE/SYNC)
current
POWER SWITCH
VI = V(GS) = 3.6 V
420
750
m
rDS(on)
P-channel MOSFET on resistance
VI = V(GS) = 2.8 V
520
1000
m
Ilkg(PMOS)
P-channel leakage current
V(DS) = 6 V
1
µA
VI = V(GS) = 3.6 V
330
750
m
rDS(on)
N-channel MOSFET on resistance
VI = V(GS) = 2.8 V
400
1000
m
Discharge resistor for power-down
R(DIS)
30
50
sequence (TPS6232x only)
Ilkg(NMOS)
N-channel leakage current
V(DS) = 6 V
1
µA
P-MOS current limit
2.7 V
≤ V
I ≤ 6 V
670
780
890
mA
N-MOS current limit - sourcing
2.7 V
≤ V
I ≤ 6 V
550
720
890
mA
N-MOS current limit - sinking
2.7 V
≤ V
I ≤ 6 V
–460
–600
–740
mA
Input current limit under short-circuit
VO = 0 V
390
mA
conditions
Thermal shutdown
150
°C
Thermal shutdown hysteresis
20
°C
3


Numéro de pièce similaire - TPS62300YZDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62300YZDT TI-TPS62300YZDT Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Description similaire - TPS62300YZDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com