Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54ST Fiches technique(PDF) 1 Page - Diode Semiconductor Korea

No de pièce BAT54ST
Description  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT54ST Fiches technique(HTML) 1 Page - Diode Semiconductor Korea

  BAT54ST Datasheet HTML 1Page - Diode Semiconductor Korea BAT54ST Datasheet HTML 2Page - Diode Semiconductor Korea BAT54ST Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAT54T/AT/CT/ST
FEATURES
Low forward voltage drop.
Fast switching.
Ultra-small surface mount package.
BAT54T
BAT54AT
PN junction guard ring for transient and
ESD protection.
BAT54CT
BAT54ST
APPLICATIONS
Schottky barrier diodes.
SOT-523
ORDERING INFORMATION
Type No.
Marking
Package Code
BAT54T
L1
SOT-523
BAT54AT
L2
SOT-523
BAT54CT
L3
SOT-523
BAT54ST
L4
SOT-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VRRM
VRWM
VR
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
30
V
IF
Forward continuous voltage
200
mA
IFRM
Repetitive peak forward voltage
300
mA
IFSM
Non-repetitive peak forward surge current
@t<1.0s
600
mA
Pd
Power dissipation
150
mW
RθJA
Thermal resistance junction to ambient
833
/W
Tj,Tstg
Junction and Storage Temperature
-65~150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Numéro de pièce similaire - BAT54ST

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAT54ST DIODES-BAT54ST Datasheet
176Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Fairchild Semiconductor
BAT54ST FAIRCHILD-BAT54ST Datasheet
143Kb / 5P
   Schottky Barrier Diode
logo
Weitron Technology
BAT54ST WEITRON-BAT54ST Datasheet
491Kb / 3P
   Surface Mount Schottky Diodes
logo
Micro Commercial Compon...
BAT54ST MCC-BAT54ST Datasheet
308Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Diodes Incorporated
BAT54ST DIODES-BAT54ST Datasheet
362Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
More results

Description similaire - BAT54ST

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com