Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SS401 Fiches technique(PDF) 1 Page - Diode Semiconductor Korea

No de pièce 1SS401
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS401 Fiches technique(HTML) 1 Page - Diode Semiconductor Korea

  1SS401 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS401 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Diode
1SS401
FEATURES
Small total capacitance.
Low reverse current.
Low forward voltage:VF=0.38V(typ).
APPLICATIONS
For general purpose applications.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS401
D9
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
25
V
Diode reverse voltage
VR
20
V
Forward continuous Current
IF
700
mA
Average rectified output current
IO
300
mA
Power Dissipation
Pd
100
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55-+125
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
Typ.
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
20
V
Reverse current
IR
VR=20V
50
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=300mA
0.16
0.22
0.38
0.45
V
Diode capacitance
CD
VR=0V, f=1MHz
46
pF
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Numéro de pièce similaire - 1SS401

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SS401 TOSHIBA-1SS401 Datasheet
107Kb / 2P
   DIODE (HIGH SPEED SWITCHING APPLICATIONS)
1SS401 TOSHIBA-1SS401 Datasheet
173Kb / 3P
   High Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS401 BILIN-1SS401 Datasheet
111Kb / 2P
   Schottky Barrier Diode
logo
Guangdong Kexin Industr...
1SS401 KEXIN-1SS401 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATIONS
logo
Shenzhen Jin Yu Semicon...
1SS401 HTSEMI-1SS401 Datasheet
299Kb / 2P
   Schottoky DIODES
More results

Description similaire - 1SS401

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com