Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2004AIDR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce ULN2004AIDR
Description  HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004AIDR Fiches technique(HTML) 3 Page - Texas Instruments

  ULN2004AIDR Datasheet HTML 1Page - Texas Instruments ULN2004AIDR Datasheet HTML 2Page - Texas Instruments ULN2004AIDR Datasheet HTML 3Page - Texas Instruments ULN2004AIDR Datasheet HTML 4Page - Texas Instruments ULN2004AIDR Datasheet HTML 5Page - Texas Instruments ULN2004AIDR Datasheet HTML 6Page - Texas Instruments ULN2004AIDR Datasheet HTML 7Page - Texas Instruments ULN2004AIDR Datasheet HTML 8Page - Texas Instruments ULN2004AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ULN2004AI
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SLRS055 − APRIL 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)
Collector-emitter voltage
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamp diode reverse voltage (see Note 1)
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak collector current (see Notes 2 and 4)
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total emitter-terminal current
−2.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
electrical characteristics, TA = 25°C
PARAMETER
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IC = 125 mA
5
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 200 mA
6
V
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 275 mA
7
V
IC = 350 mA
8
II = 250 µA,
IC = 100 mA
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage
5
II = 350 µA,
IC = 200 mA
1
1.3
V
VCE(sat)
Collector-emitter saturation voltage
5
II = 500 µA,
IC = 350 mA
1.2
1.6
V
ICEX
Collector cutoff current
1
VCE = 50 V,
II = 0
50
µA
VF
Clamp forward voltage
8
IF = 350 mA
1.7
2
V
II
Input current
4
VI = 5 V
0.35
0.5
mA
II
Input current
4
VI = 12 V
1
1.45
mA
IR
Clamp reverse current
7
VR = 50 V
50
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF


Numéro de pièce similaire - ULN2004AIDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ULN2004AIDR TI-ULN2004AIDR Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AIDRE4 TI-ULN2004AIDRE4 Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results

Description similaire - ULN2004AIDR

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Micrel Semiconductor
MIC2803 MICREL-MIC2803 Datasheet
29Kb / 3P
   High-Voltage High-Current Darlington Array
logo
Rohm
BA12003B ROHM-BA12003B_V01 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981_05 Datasheet
444Kb / 4P
   High-Voltage High-Current Source Driver Array
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com