Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP461AIRUNT Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TMP461AIRUNT
Description  High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461AIRUNT Fiches technique(HTML) 3 Page - Texas Instruments

  TMP461AIRUNT Datasheet HTML 1Page - Texas Instruments TMP461AIRUNT Datasheet HTML 2Page - Texas Instruments TMP461AIRUNT Datasheet HTML 3Page - Texas Instruments TMP461AIRUNT Datasheet HTML 4Page - Texas Instruments TMP461AIRUNT Datasheet HTML 5Page - Texas Instruments TMP461AIRUNT Datasheet HTML 6Page - Texas Instruments TMP461AIRUNT Datasheet HTML 7Page - Texas Instruments TMP461AIRUNT Datasheet HTML 8Page - Texas Instruments TMP461AIRUNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
D+
D-
SCL
SDA
THERM
GND
V+
ALERT/THERM2
1
2
3
4
9
8
7
6
10
5
A1
A0
3
TMP461
www.ti.com
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
RUN Package
10-Pin WQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
5
Digital input
Address select. Connect to GND, V+, or leave floating.
A1
10
Digital input
Address select. Connect to GND, V+, or leave floating.
ALERT/THERM2
7
Digital output
Interrupt or SMBus alert output. Can be configured as a second THERM output.
Open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V.
D–
3
Analog input
Negative connection to remote temperature sensor
D+
2
Analog input
Positive connection to remote temperature sensor
GND
6
Ground
Supply ground connection
SCL
9
Digital input
Serial clock line for SMBus.
Input; requires a pullup resistor to a voltage between 1.7 V and 3.6 V if driven by an open-drain output.
SDA
8
Bidirectional digital
input-output
Serial data line for SMBus. Open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V.
THERM
4
Digital output
Thermal shutdown or fan-control pin.
Open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V.
V+
1
Power supply
Positive supply voltage, 1.7 V to 3.6 V


Numéro de pièce similaire - TMP461AIRUNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP461AIRUNT TI1-TMP461AIRUNT Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461AIRUNT-S TI1-TMP461AIRUNT-S Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
More results

Description similaire - TMP461AIRUNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
[Old version datasheet]   TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
[Old version datasheet]   High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com