Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP007 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TMP007
Description  Infrared Thermopile Sensor with Integrated Math Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments TMP007 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4.0
8.0
12.0
16.0
Wavelength (µm)
C005
0.000
0.005
0.010
0.015
0.020
0.025
0
5
10
15
20
Wavelength (µm)
450 K
400 K
350 K
300 K
250 K
C019
16 µm
4 µm
11
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Feature Description (continued)
The intensity of radiation from the object is determined by the emisivity (
ε), a material-dependent property that
scales the spectral response so that 0 <
ε < 1. For an ideal black body, the radiation is at a maximum for a given
temperature and
ε = 1. The temperature is measured on the Kelvin scale where 0 K is absolute zero, or
–273.15°C. Room temperature (25°C) is approximately 298.13 K. The emission spectra for objects at or near
room temperature are shown in Figure 17. For these temperatures, the majority of the radiation emitted is in the
wavelength range of 3 µm to 20 µm.
Figure 17. Black Body Emission Spectrum and Response
7.3.1 Spectral Responsivity
The TMP007 is optimized to sense IR radiation emitted by objects from approximately 250 K (–23°C) to 400 K
(127°C), with maximum sensitivity from approximately 4 µm to 16 µm. The relative spectral response of the
TMP007 is shown in Figure 18.
Figure 18. Relative Spectral Response vs Wavelength


Numéro de pièce similaire - TMP007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
More results

Description similaire - TMP007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com