Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD250-3L Fiches technique(PDF) 2 Page - Coilcraft lnc.

No de pièce SD250-3L
Description  Base/Gate Driver Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SD250-3L Fiches technique(HTML) 2 Page - Coilcraft lnc.

  SD250-3L Datasheet HTML 1Page - Coilcraft lnc. SD250-3L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Custom Version Specifications
Document 130-2
In addition to the standard base/gate driver transformers shown here, Coilcraft can provide custom versions to meet
your specifications.
Our two basic structures are the 0.95
″ high part shown and a 1.20″ high version. Both are available with either single
or double sections.
36
34
32
30
28
26
24
22
20
18
16
14
12
10
20
50
100
Nl (turns/layer)
NP (turns)
* Applies to both 0.95 and 1.20 high bobbins.
²²
* Applies to both double and single section bobbins.
Doub
le section
bob
bins
Turns Per Layer vs Wire Size*
Volt-Time vs PrimaryTurns*
3000
2500
2000
1500
1000
500
20
40
60
80
100
120
140
160
0.95
high
bob
bins
²
Please use the information below to determine the performance characteristics available.
Core
0.95
″ high bobbins
1.20
″ high bobbins
Initial permeability
2000µ
2000µ
A
e (core cross-sectional area)
0.40 cm2
0.80 cm2
l
e (mean magnetic path length)
4.90 cm
4.80 cm
Bobbin
Material
UL94V-0, 130°C
Number of terminals available
10
10
Number of wiring sections available
1 or 2
1 or 2
Document 130-2 Revised 04/20/12


Numéro de pièce similaire - SD250-3L

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
SD250-3L COILCRAFT-SD250-3L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
More results

Description similaire - SD250-3L

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
SD250-1L COILCRAFT-SD250-1L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
logo
List of Unclassifed Man...
SD250-1 ETC1-SD250-1 Datasheet
144Kb / 2P
   Base/Gate Driver Transformers
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
   GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
Rhombus Industries Inc.
T-1055 RHOMBUS-IND-T-1055 Datasheet
38Kb / 1P
   BASE/GATE DRIVER TRANSFORMER
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
   Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
   Gate Drive Transformers
logo
Rhombus Industries Inc.
T-15200 RHOMBUS-IND-T-15200 Datasheet
47Kb / 1P
   100 BASE-T4 TRANSFORMERS
T-15202 RHOMBUS-IND-T-15202 Datasheet
49Kb / 1P
   100 BASE-T4 TRANSFORMERS
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
   10 BASE-T Transformers
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com