Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33991 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC33991
Description  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33991 Fiches technique(HTML) 4 Page - Motorola, Inc

  MC33991 Datasheet HTML 1Page - Motorola, Inc MC33991 Datasheet HTML 2Page - Motorola, Inc MC33991 Datasheet HTML 3Page - Motorola, Inc MC33991 Datasheet HTML 4Page - Motorola, Inc MC33991 Datasheet HTML 5Page - Motorola, Inc MC33991 Datasheet HTML 6Page - Motorola, Inc MC33991 Datasheet HTML 7Page - Motorola, Inc MC33991 Datasheet HTML 8Page - Motorola, Inc MC33991 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
15
RST
Reset. If the master decides to reset the device, or place it into a sleep state, the RST pinisdriventoa logic0. A
logic 0 on the RST pin will force all internal logic to the known default state. This input has an internal active pull-up.
16
VPWR
Battery Voltage. Power supply.
17-20
GND
Ground. These pins serve as the ground for the source of the low-side output transistors as well as the logic portion
of the device. They also help dissipate heat from the device.
21
SIN1-
H-Bridge Output. This pin is the output of a half bridge, designed to source or sink current. The H-Bridge pins linearly
drive the sine and cosine coils of two separate stepper motors to provide four-quadrant operation.
22
SIN1+
H-Bridge Output. This pin is the output of a half bridge, designed to source or sink current. The H-Bridge pins linearly
drive the sine and cosine coils of two separate stepper motors to provide four-quadrant operation.
23
COS1-
H-Bridge Output. This pin is the output of a half bridge, designed to source or sink current. The H-Bridge pins linearly
drive the sine and cosine coils of two separate stepper motors to provide four-quadrant operation.
24
COS1+
H-Bridge Output. This pin is the output of a half bridge, designed to source or sink current. The H-Bridge pins linearly
drive the sine and cosine coils of two separate stepper motors to provide four-quadrant operation.
Pin Functions
Pin
Number
Pin Name
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC33991

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33991DW FREESCALE-MC33991DW Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33991DWR2 FREESCALE-MC33991DWR2 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
More results

Description similaire - MC33991

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com