Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF303 Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce UF303
Description  ULTRA FAST SWITCHING RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF303 Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  UF303 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF303 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES UF300 THRU UF3010
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
UF3010
TJ = 25 ¢J
UF300
TYPICAL
FORWARD VOLTAGE-VFM(Vpk)
4.0
3.0
2.0
1.0
0
25
50
75
100
125
150
175
200
.375" 9.5MM LENGTH
AMBIENT TEMPERATURE, ¢J
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1
0.1
0.01
0
20
40
60
80
100
120
140
TJ = 125 ¢J
TJ = 100 ¢J
TJ = 25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
150
120
90
60
30
1
2
4
6
8 10
20
60 80 100
40
0
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
Fig. 5-PEAK FORWARD SURGE CURRENT
2 of 2
www.sunmate.tw


Numéro de pièce similaire - UF303

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UF3030 MICROSEMI-UF3030 Datasheet
131Kb / 2P
   30 AMP ULTRA FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
UF303G ZSELEC-UF303G Datasheet
139Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results

Description similaire - UF303

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
UF500 SUNMATE-UF500 Datasheet
280Kb / 2P
   ULTRA FAST SWITCHING RECTIFIER DIODES
logo
Fairchild Semiconductor
BAY82 FAIRCHILD-BAY82 Datasheet
34Kb / 1P
   Ultra Fast Switching Diodes
logo
SUNMATE electronic Co.,...
UF3001 SUNMATE-UF3001 Datasheet
274Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
11DF1 EIC-11DF1 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
RGL41A SUNMATE-RGL41A Datasheet
426Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYG20D DSK-BYG20D Datasheet
83Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
11DF3 EIC-11DF3 Datasheet
93Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
UF5001 SUNMATE-UF5001 Datasheet
292Kb / 2P
   ULTRA FAST RECTIFIER DIODES
MUR805 SUNMATE-MUR805 Datasheet
332Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com