Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL2044 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce EL2044
Description  Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2044 Fiches technique(HTML) 1 Page - Intersil Corporation

  EL2044 Datasheet HTML 1Page - Intersil Corporation EL2044 Datasheet HTML 2Page - Intersil Corporation EL2044 Datasheet HTML 3Page - Intersil Corporation EL2044 Datasheet HTML 4Page - Intersil Corporation EL2044 Datasheet HTML 5Page - Intersil Corporation EL2044 Datasheet HTML 6Page - Intersil Corporation EL2044 Datasheet HTML 7Page - Intersil Corporation EL2044 Datasheet HTML 8Page - Intersil Corporation EL2044 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7029.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2044
Low Power/Low Voltage 120MHz Unity-
Gain Stable Operational Amplifier
The EL2044 is a high speed, low
power, low cost monolithic operational
amplifier built on Elantec's proprietary
complementary bipolar process. The EL2044 is unity-gain
stable and features a 325V/µs slew rate and 120MHz gain-
bandwidth product while requiring only 5.2mA of supply
current.
The power supply operating range of the EL2044 is from
±18V down to as little as ±2V. For single-supply operation,
the EL2044 operates from 36V down to as little as 2.5V. The
excellent power supply operating range of the EL2044
makes it an obvious choice for applications on a single +5V
supply.
The EL2044 also features an extremely wide output voltage
swing of ±13.6V with VS = ±15V and RL = 1kΩ. At ±5V,
output voltage swing is a wide ±3.8V with RL = 500Ω and
±3.2V with RL = 150Ω. Furthermore, for single-supply
operation at +5V, output voltage swing is an excellent 0.3V
to 3.8V with RL = 500Ω.
At a gain of +1, the EL2044 has a -3dB bandwidth of
120MHz with a phase margin of 50°. Because of its
conventional voltage-feedback topology, the EL2044 allows
the use of reactive or non-linear elements in its feedback
network. This versatility combined with low cost and 75mA of
output-current drive makes the EL2044 an ideal choice for
price-sensitive applications requiring low power and high
speed.
The EL2044 is available in the 8-pin SO and 8-pin PDIP
packages and operates over the full -40°C to +85°C
temperature range.
Features
Pb-free available
• 120MHz -3dB bandwidth
• Unity-gain stable
• Low supply current - 5.2mA @VS = ±15V
• Wide supply range - ±2V to ±18V dual-supply and 2.5V to
36V single-supply
• High slew rate = 325V/µs
• Fast settling - 80ns to 0.1% for a 10V step
• Low differential gain - 0.04% at AV =+2, RL = 150Ω
• Low differential phase - 0.15° at AV = +2, RL = 150Ω
• Wide output voltage swing - ±13.6V with VS = ±15V,
RL =1kΩ and 3.8V/0.3V with VS = +5V, RL = 500Ω
• Low cost, enhanced replacement for the AD847 and
LM6361
Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed sample-and-hold
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• Difference amplifiers
Pinout
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL2044CS
8-Pin SO
-
MDP0027
EL2044CSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL2044CS-T7
8-Pin SO
7”
MDP0027
EL2044CSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL2044CS-T13
8-Pin SO
13”
MDP0027
EL2044CSZ-
T13 (See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
EL2044CN
8-Pin PDIP
-
MDP0031
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which is
compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
1
2
3
4
8
7
6
5
EL2044
(8-PIN SO & 8-PIN PDIP)
TOP VIEW
-
+
NC
IN-
IN+
V-
NC
V+
OUT
NC
Data Sheet
August 16, 2004


Numéro de pièce similaire - EL2044

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
EL2044 ELANTEC-EL2044 Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044CN ELANTEC-EL2044CN Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044CS ELANTEC-EL2044CS Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
More results

Description similaire - EL2044

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com