Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842AD8TRG4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3842AD8TRG4
Description  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842AD8TRG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button UC3842AD8TRG4 Datasheet HTML 7Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 8Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 9Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 10Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 11Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 12Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 13Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 14Page - Texas Instruments UC3842AD8TRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
VREF
RT/CT
GND
For RT > 5 k
T
T
1.72
f
R
/ C
»
8
4
5
RT
CT
470 pF
1 nF
2.2 nF
4.7nF
C
T
300
1 k
3 k
10 k
30 k
100 k
R (
T
)
1 M
100 k
10 k
300
1 k
3 k
10 k
30 k
100 k
R (
T
)
100
80
60
40
20
During UVLO, the Output is low.
11
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
www.ti.com
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 5. Undervoltage Lockout
8.3.5 Oscillator
Figure 6. Oscillator Frequency vs Timing Resistance
Figure 7. Maximum Duty Cycle vs Timing Resistance
Figure 8. Oscillator Section
Figure 9. Slope Compensation


Numéro de pièce similaire - UC3842AD8TRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3842AD8TRG4 TI1-UC3842AD8TRG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC3842AD8TRG4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com