Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3714D Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3714D
Description  Complementary Switch FET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3714D Fiches technique(HTML) 1 Page - Texas Instruments

  UC3714D Datasheet HTML 1Page - Texas Instruments UC3714D Datasheet HTML 2Page - Texas Instruments UC3714D Datasheet HTML 3Page - Texas Instruments UC3714D Datasheet HTML 4Page - Texas Instruments UC3714D Datasheet HTML 5Page - Texas Instruments UC3714D Datasheet HTML 6Page - Texas Instruments UC3714D Datasheet HTML 7Page - Texas Instruments UC3714D Datasheet HTML 8Page - Texas Instruments UC3714D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
6
5
7
8
INPUT
T1
T2
ENBL
S
Q
R
TIMER
VREF
S
Q
R
TIMER
VREF
50ns ±500ns
50ns ±500ns
5V
ENBL
VCC
3V
GND
BIAS
1.4V
ENABLE
UC1714
ONLY
4
AUX
2
PWR
1
VCC
LOGIC
GATES
TIMER
REF
3
GND
UC1714, UC1715, UC2714
UC2715, UC3714, UC3715
www.ti.com
SLUS170B – FEBRUARY 1999 – REVISED MAY 2013
Complementary Switch FET Drivers
Check for Samples: UC1714, UC1715, UC2714, UC2715, UC3714, UC3715
1
FEATURES
DESCRIPTION
These two families of high speed drivers are
Single Input (PWM and TTL Compatible)
designed
to
provide
drive
waveforms
for
High-Current Power FET Driver, 1-A Source
complementary
switches.
Complementary
switch
and 2-A Sink
configurations are commonly used in synchronous
Auxiliary Output FET Driver, 0.5-A Source and
rectification circuits and active clamp/reset circuits,
which provide zero voltage switching. In order to
1-A Sink
facilitate the soft switching transitions, independently
Time Delays Between Power and Auxiliary
programmable
delays
between
the
two
output
Outputs Independently Programmable from 50
waveforms are provided on these drivers. The delay
to 500-ns
pins also have true-zero voltage-sensing capability
Time Delay or True Zero-Voltage Operation
which
allows
immediate
activation
of
the
Independently Configurable for Each Output
corresponding switch when zero voltage is applied.
These devices require a PWM-type input to operate
Switching Frequency to 1 MHz
and
interface
with
commonly
available
PWM
Typical 50-ns Propagation Delays
controllers.
ENBL Pin Activates 220-
μA Sleep Mode
In the UC1714 series, the AUX output is inverted to
Power Output is Active-Low in Sleep Mode
allow driving a p-channel MOSFET. In the UC1715
Synchronous Rectifier Driver
series, the two outputs are configured in a true
complementary fashion.
BLOCK DIAGRAM
Pin numbers refer to J, N and D packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 1999–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - UC3714D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3714D TI1-UC3714D Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3714DG4 TI1-UC3714DG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3714DTR TI1-UC3714DTR Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3714DTRG4 TI1-UC3714DTRG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Description similaire - UC3714D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com