Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3584 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC3584
Description  Secondary Side Synchronous Post Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3584 Fiches technique(HTML) 6 Page - Texas Instruments

  UC3584 Datasheet HTML 1Page - Texas Instruments UC3584 Datasheet HTML 2Page - Texas Instruments UC3584 Datasheet HTML 3Page - Texas Instruments UC3584 Datasheet HTML 4Page - Texas Instruments UC3584 Datasheet HTML 5Page - Texas Instruments UC3584 Datasheet HTML 6Page - Texas Instruments UC3584 Datasheet HTML 7Page - Texas Instruments UC3584 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
UC1584
UC2584
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
the driver during the on-time of the switch. Charge is be-
ing replenished to the bootstrap capacitor during the
off-time of the switch through the bootstrap diode con-
nected between VCC and VFLT as shown in the typical
application diagram.
Soft Start
The UC3584 Soft Start circuitry is designed to implement
closed loop startup of the power supply output. During
Soft Start, the reference to the noninverting input of the
error amplifier is controlled by the voltage across the soft
start capacitor on SS. As this voltage rises, it provides an
increasing reference to the error amplifier. Once the soft
start capacitor charges above the 1.5V precision refer-
ence of the error amplifier, SS gets disconnected from
the noninverting input of the error amplifier. This tech-
nique allows the error amplifier to stay in its linear mode
and to regulate the output voltage of the power supply
according to the gradually increasing reference voltage
on its noninverting input. Further advantage of the closed
loop start up scheme is the absence of output voltage
overshoot during power up of the power supply output.
Fault Detection
Fault Detection feature is implemented to detect exces-
sive overload conditions. Under these conditions the er-
ror amplifier output goes high to command the maximum
duty cycle. As soon as the error amplifier’s output ex-
ceeds 5V, the fault delay capacitor connected to the
CDLY pin starts charging. If CDLY capacitor voltage
reaches 2V before the error amplifier output falls back
below 5V, a fault condition is declared, the PWM output
is disabled and soft start cycle is initiated. Under persis-
tent fault conditions the UC3584 will continuously cycle
through soft start sequence, attempting to bring the out-
put to its regulated, nominal voltage. The value of CDLY
capacitor should be chosen large enough to delay the
activation of the fault sequence in case of load transients
which can also cause the error amplifier output to go
high temporarily.
Error Amplifier
The Error Amplifier of the UC3584 is used to regulate the
voltage of an auxiliary output in a power supply. The
noninverting input of the error amplifier is connected to
an internal, 1.5V reference. The inverting input (FB pin)
is tied to an output voltage divider. The compensation
network of the negative feedback loop is connected be-
tween the amplifier’s output (COMP pin) and FB. The
noninverting input of the error amplifier is also connected
to the SS node through a diode. This arrangement allows
closed loop soft start for the output of a power supply
regulated by the UC3584. Closed loop soft start assures
that the error amplifier is kept in active mode and the out-
put voltage of the converter follows the reference voltage
on its noninverting input as it ramps up (following the SS
node). If a fault condition is detected, SS node gets
pulled to ground, forcing the error amplifier’s reference
low. Consequently, the error amplifier’s output voltage
goes low and duty cycle is reduced.
APPLICATION INFORMATION (cont.)


Numéro de pièce similaire - UC3584

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3584 TI-UC3584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
More results

Description similaire - UC3584

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com