Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL5162KGMP1S Fiches technique(PDF) 4 Page - Zarlink Semiconductor Inc

No de pièce SL5162KGMP1S
Description  Multistandard VHF and UHF Television Demodulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162KGMP1S Fiches technique(HTML) 4 Page - Zarlink Semiconductor Inc

  SL5162KGMP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
SL5162
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Typ.
Conditions
2
10
2
10
2
60
2
46
38·9
2
16
2
15
2
22
2
3
500
30
2
70
2
70
2
70
2
75
2
70
2
70
860
0·2
Units
Min.
Max.
dBC
dBC
dBC
k
mVp-p
dBC
dBC
dBC
dBC
dBC
dBC
dBC
dBC
dBC
dBC
MHz
kHz
Relative to PVC (note 4)
Relative to PVC, with no audio modulation applied
Relative to PVC
Single ended from 50
Values referred to PAL system G carrier level
Note 5
Relative to 83dB
µV modulated carrier (note 6)
With 1Vp-p video input signal colour bars
Pin
Value
18
1, 2
4,5,6,7
Mod Index Control
Sound subcarrier level,
negative video modulation
Sound subcarrier level,
positive video modulation
Second sound subcarrier
Video Test Sig. Generator
Negative impedance
Ceramic resonator impedance
Prescaler
Output amplitude
Distortions
Intermodulation:
fV1(fS2fC)
fV12fC
fV12fS
fV13fS
Spurious (in band)
Spurious (ex band)
Harmonics:
2fV
3fV
Sound in vision
Vision in sound
Local Oscillator
Frequency range
Residual FM
1
2
3
4
5
6
7
8
9
1o
11
12
13
14
15
16
17
18
19
20
UHF prescaler output 1
UHF prescaler output 2
Positive supply for UHF circuits
UHF tank
UHF tank
UHF tank
UHF tank
UHF ground
Sound tank 1
Sound tank 2
Audio 1 input
Positive supply for baseband circuits
Intercarrier (sound) input
Video modulation/standard select
75
Ω modulated output
75
Ω modulated output
Baseband ground
Test signal generator input
Video input
AGC capacitor/disable switch
RF 1
RF 2
VCC2
LOIN 1
LOOP 1
LOOP 2
LOIN 2
VEE2
ST 1
ST2
AUDIO
VCC1
SUB 2
MSS
OP 1
OP2
VEE1
TSG
VID
AGC
Pin
Name
Function
NOTES
5. fV = vision carrier, fS = sound subcarrier, fC = chroma subcarrier.
6. SUB 2 must be connected to VCC to achieve this performance.
Table 1 Pin descriptions
VIDEO INPUT SECTION
A composite signal of the selected standard is applied to
the device via a coupling capacitor also acting as the clamp
storage capacitor. A minimum level clamp is used to DC
restore the video signal in the IC to an internally defined
reference voltage.
The AGC will give a constant output level with input signals
between 0·5 and 1·5 Vp-p. If a controlled 1Vp-p video signal
is available, the AGC may be disabled, in which case a white
clip circuit is switched in, to prevent possible overmodulation.
Selection of negative or positive modulation is via a single
pin (14). The voltage on this pin controls an offset which is fed
to the UHF mixer, thus determining both modulation depth,
and sense of modulation.
SOUND SECTION
The sound is AC coupled and AM or FM modulated onto
the pre-selected carrier, 4·5 - 6·5MHz; its level is nominally at
2
16dB relative to the peak vision carrier.
UHF MODULATED OUTPUT
Modulation and relative levels of vision and sound carrier
levels are preset for the selected broadcast standard.
Table 2 gives the output options available. Modulation index
is fixed at 83% for all negative modulation systems and at 94%
for SECAM standard L. Selection of sound tank frequency is
defined by off-chip tank components.


Numéro de pièce similaire - SL5162KGMP1S

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SL510 MCC-SL510 Datasheet
442Kb / 3P
   High Surge forward current capability
SL510 MCC-SL510 Datasheet
451Kb / 3P
   5 Amp Low VF Schottky Rectifier 40~100 Volts
logo
DAESAN ELECTRONIC CORP.
SL510 DAESAN-SL510 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL5100 LEIDITECH-SL5100 Datasheet
278Kb / 3P
   5.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SL510AFL MCC-SL510AFL Datasheet
503Kb / 3P
   5.0 Amp Low VF Schottky Rectifiers 40 to 100 Volts
More results

Description similaire - SL5162KGMP1S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UV1315 ETC1-UV1315 Datasheet
951Kb / 14P
   VHF/UHF television tuner
logo
NXP Semiconductors
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
logo
NXP Semiconductors
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com