Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2842DTR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2842DTR
Description  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2842DTR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button UC2842DTR Datasheet HTML 7Page - Texas Instruments UC2842DTR Datasheet HTML 8Page - Texas Instruments UC2842DTR Datasheet HTML 9Page - Texas Instruments UC2842DTR Datasheet HTML 10Page - Texas Instruments UC2842DTR Datasheet HTML 11Page - Texas Instruments UC2842DTR Datasheet HTML 12Page - Texas Instruments UC2842DTR Datasheet HTML 13Page - Texas Instruments UC2842DTR Datasheet HTML 14Page - Texas Instruments UC2842DTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
UCx842
UCx843
34 V
5-V
Reference
EN
VREF Good
Logic
Internal
Bias
UVLO
Osc
S
R
PWM
Latch
R
1 V
+
E/A
VCC
GROUND
RT/CT
VFB
COMP
ISENSE
PWM
Comparator
VREF
OUTPUT
VC
PWRGND
2R
2.5 V
Copyright © 2016, Texas Instruments Incorporated
11
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
www.ti.com
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The UCx84x series of control integrated circuits provide the features necessary to implement AC-DC or DC-to-
DC fixed-frequency current-mode control schemes with a minimum number of external components. Protection
circuitry includes undervoltage lockout (UVLO) and current limiting. Internally implemented circuits include a
start-up current of less than 1 mA, a precision reference trimmed for accuracy at the error amplifier input, logic to
ensure latched operation, a pulse-width modulation (PWM) comparator that also provides current-limit control,
and a totem-pole output stage designed to source or sink high-peak current. The output stage, suitable for driving
N-channel MOSFETs, is low when it is in the off-state.
Major differences between members of these series are the UVLO thresholds, acceptable ambient temperature
range, and maximum duty-cycle. Typical UVLO thresholds of 16 V (ON) and 10 V (OFF) on the UCx842 and
UCx844 devices make them ideally suited to off-line AC-DC applications. The corresponding typical thresholds
for the UCx843 and UCx845 devices are 8.4 V (ON) and 7.6 V (OFF), making them ideal for use with regulated
input voltages used in DC-DC applications. The UCx842 and UCx843 devices operate to duty cycles
approaching 100%. The UCx844 and UCx845 obtain a duty-cycle range of 0% to 50% by the addition of an
internal toggle flip-flop, which blanks the output off every other clock cycle.
The UC184x-series devices are characterized for operation from –55°C to 125°C. UC284x-series devices are
characterized for operation from
−40°C to 85°C. The UC384x devices are characterized for operation from 0°C to
70°C.
8.2 Functional Block Diagrams
Figure 11. UCx842 and UCx843 Block Diagram, No Toggle


Numéro de pièce similaire - UC2842DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2842DTR TI-UC2842DTR Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2842DTR TI-UC2842DTR Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI1-UC2842DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI1-UC2842DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI-UC2842DTR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2842DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com