Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UC1548 Datasheet(Fiches technique) 1 Page - Texas Instruments

Numéro de pièce UC1548
Description  Primary Side PWM Controller
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1548 Datasheet(HTML) 1 Page - Texas Instruments

  UC1548 Datasheet HTML 1Page - Texas Instruments UC1548 Datenblatt HTML 2Page - Texas Instruments UC1548 Datenblatt HTML 3Page - Texas Instruments UC1548 Datenblatt HTML 4Page - Texas Instruments UC1548 Datenblatt HTML 5Page - Texas Instruments UC1548 Datenblatt HTML 6Page - Texas Instruments UC1548 Datenblatt HTML 7Page - Texas Instruments UC1548 Datenblatt HTML 8Page - Texas Instruments UC1548 Datenblatt HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4/97
BLOCK DIAGRAM
Primary Side Voltage Feed-
forward Control of Isolated Power
Supplies
Accurate DC Control of
Secondary Side Short Circuit
Current using Primary Side
Average Current Mode Control
Accurate Programmable
Maximum Duty Cycle Clamp
Maximum Volt-Second Product
Clamp to Prevent Core Saturation
Practical Operation Up to 1MHz
High Current (2A Pk) Totem Pole
Output Driver
Wide Bandwidth (8MHz) Current
Error Amplifier
Undervoltage Lockout Monitors
VCC, VIN and VREF
Output Active Low During UVLO
Low Startup Current (500
µA)
The UC3548 family of PWM control ICs uses voltage feed-
forward control to regulate the output voltage of isolated
power supplies. The UC3548 resides on the primary side
and has the necessary features to accurately control sec-
ondary side short circuit current with average current
mode control techniques. The UC3548 can be used to
control a wide variety of converter topologies.
In addition to the basic functions required for pulse width
modulation, the UC3548 implements a patented technique
of sensing secondary current from the primary side in an
isolated buck derived converter. A current waveform syn-
thesizer monitors switch current and simulates the inductor
current downslope so that the complete current waveform
can be constructed on the primary side without actual sec-
ondary side measurement. This information on the primary
side is used by an average current mode control circuit to
accurately limit maximum output current.
The UC3548 circuitry includes a precision reference, a
wide bandwidth error amplifier for average current control,
an oscillator to generate the system clock, latching PWM
comparator and logic circuits, and a high current output
driver. The current error amplifier easily interfaces with an
optoisolator from a secondary side voltage sensing circuit.
A full featured undervoltage lockout (UVLO) circuit is con-
tained in the UC3548. UVLO monitors the supply voltage
to the controller (VCC), the reference voltage (VREF), and
the input line voltage (VIN). All three must be good before
soft start commences. If either VCC or VIN is low, the sup-
ply current required by the chip is only 500
µA and the
output is actively held low.
Two on board protection features set controlled limits to
prevent transformer core saturation. Input voltage is moni-
tored and pulse width is constrained to limit the maximum
volt-second product applied to the transformer. A unique
patented technique limits maximum duty cycle within 3%
of a user programmed value.
These two features allow for more optimal use of trans-
formers and switches, resulting in reduced system size
and cost.
Both patents embodied in the UC3548 belong to Lambda
Electronics Incorporated and are licensed for use in appli-
cations employing these devices.
UC1548
UC2548
UC3548
Primary Side PWM Controller
FEATURES
DESCRIPTION
UDG-95037
Pin numbers refer to 16-pin DIL and SOIC packages only.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn