Moteur de recherche de fiches techniques de composants électroniques |
|
LM2736XMKX Fiches technique(PDF) 11 Page - National Semiconductor (TI) |
|
|
LM2736XMKX Fiches technique(HTML) 11 Page - National Semiconductor (TI) |
11 / 22 page Design Guide (Continued) OUTPUT VOLTAGE The output voltage is set using the following equation where R2 is connected between the FB pin and GND, and R1 is connected between V O and the FB pin. A good value for R2 is 10k Ω. PCB Layout Considerations When planning layout there are a few things to consider when trying to achieve a clean, regulated output. The most important consideration when completing the layout is the close coupling of the GND connections of the C IN capacitor and the catch diode D1. These ground ends should be close to one another and be connected to the GND plane with at least two through-holes. Place these components as close to the IC as possible. Next in importance is the location of the GND connection of the C OUT capacitor, which should be near the GND connections of C IN and D1. There should be a continuous ground plane on the bottom layer of a two-layer board except under the switching node island. The FB pin is a high impedance node and care should be taken to make the FB trace short to avoid noise pickup and inaccurate regulation. The feedback resistors should be placed as close as possible to the IC, with the GND of R2 placed as close as possible to the GND of the IC. The V OUT trace to R1 should be routed away from the inductor and any other traces that are switching. High AC currents flow through the V IN, SW and VOUT traces, so they should be as short and wide as possible. However, making the traces wide increases radiated noise, so the designer must make this trade-off. Radiated noise can be decreased by choosing a shielded inductor. The remaining components should also be placed as close as possible to the IC. Please see Application Note AN-1229 for further considerations and the LM2736 demo board as an example of a four-layer layout. www.national.com 11 |
Numéro de pièce similaire - LM2736XMKX |
|
Description similaire - LM2736XMKX |