Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC227x Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TLC227x
Description  FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC227x Fiches technique(HTML) 5 Page - Texas Instruments

  TLC227x Datasheet HTML 1Page - Texas Instruments TLC227x Datasheet HTML 2Page - Texas Instruments TLC227x Datasheet HTML 3Page - Texas Instruments TLC227x Datasheet HTML 4Page - Texas Instruments TLC227x Datasheet HTML 5Page - Texas Instruments TLC227x Datasheet HTML 6Page - Texas Instruments TLC227x Datasheet HTML 7Page - Texas Instruments TLC227x Datasheet HTML 8Page - Texas Instruments TLC227x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TLV2371-Q1, TLV2372-Q1, TLV2374-Q1
FAMILY OF 550-
μA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SGLS244A − MAY 2004 − REVISED JUNE 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
V
/2
V
V
/2
25
°C
2
4.5
mV
VIO
Input offset voltage
VIC = VDD/2,
RS =50 Ω
VO = VDD/2,
Full range
6
mV
Offset voltage drift
RS = 50 Ω
25
°C
2
V/
°C
αVIO
Offset voltage drift
S
25
°C
2
μV/°C
VIC = 0 to VDD,
25
°C
50
68
VIC = 0 to VDD,
RS = 50 Ω
V
27V
Full range
49
VIC = 0 to VDD−1.35 V,
VDD = 2.7 V
25
°C
53
70
VIC = 0 to VDD 1.35 V,
RS = 50 Ω
Full range
54
VIC = 0 to VDD,
25
°C
55
72
CMRR
Common mode rejection ratio
VIC = 0 to VDD,
RS = 50 Ω,
V
5V
Full range
54
dB
CMRR
Common-mode rejection ratio
VIC = 0 to VDD−1.35 V,
VDD = 5 V
25
°C
58
80
dB
VIC = 0 to VDD 1.35 V,
RS = 50 Ω,
Full range
57
VIC = 0 to VDD,
25
°C
64
82
VIC = 0 to VDD,
RS = 50 Ω,
V
15 V
Full range
63
VIC = 0 to VDD−1.35 V,
VDD = 15 V
25
°C
67
84
VIC = 0 to VDD 1.35 V,
RS = 50 Ω,
Full range
66
V
27V
25
°C
95
106
VDD = 2.7 V
Full range
76
A
Large-signal differential voltage
VO(PP) = VDD/2,
V
5V
25
°C
80
110
dB
AVD
Large signal differential voltage
amplification
VO(PP) = VDD/2,
RL = 10 kΩ
VDD = 5 V
Full range
82
dB
V
15 V
25
°C
77
83
VDD = 15 V
Full range
79
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
I
Input offset current
25
°C
1
60
pA
IIO
Input offset current
VDD = 15 V,
VIC = VDD/2,
125
°C
500
pA
I
Input bias current
VDD = 15 V,
VIC = VDD/2,
VO = VDD/2
25
°C
1
60
pA
IIB
Input bias current
O
DD
125
°C
500
pA
ri(d)
Differential input resistance
25
°C
1000
G
Ω
CIC
Common-mode input capacitance
f = 21 kHz
25
°C
8
pF


Numéro de pièce similaire - TLC227x

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC227x

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com