Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HCT377E Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
CD74HCT377E Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 13 page 6 Maximum Clock Frequency fMAX CL =15pF 5 - 50 - - - - - MHz Power Dissipation Capacitance (Notes 3, 4) CPD CL =15pF 5 - 35 - - - - - pF NOTES: 3. CPD is used to determine the dynamic power consumption, per flip-flop. 4. PD = VCC 2 f i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX Test Circuits and Waveforms FIGURE 1. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME, AND PROPAGATION DELAY TIMES FOR EDGE TRIGGERED SEQUENTIAL LOGIC CIRCUITS FIGURE 2. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME, AND PROPAGATION DELAY TIMES FOR EDGE TRIGGERED SEQUENTIAL LOGIC CIRCUITS trCL tfCL GND VCC GND VCC 50% 90% 10% GND CLOCK INPUT DATA INPUT OUTPUT SET, RESET OR PRESET VCC 50% 50% 90% 10% 50% 90% tREM tPLH tSU(H) tTLH tTHL tH(L) tPHL IC CL 50pF tSU(L) tH(H) trCL tfCL GND 3V GND 3V 1.3V 2.7V 0.3V GND CLOCK INPUT DATA INPUT OUTPUT SET, RESET OR PRESET 3V 1.3V 1.3V 1.3V 90% 10% 1.3V 90% tREM tPLH tSU(H) tTLH tTHL tH(L) tPHL IC CL 50pF tSU(L) 1.3V tH(H) 1.3V CD54HC377, CD74HC377, CD54HCT377, CD74HCT377 |
Numéro de pièce similaire - CD74HCT377E |
|
Description similaire - CD74HCT377E |