Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040HE_R1_00001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1040HE_R1_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040HE_R1_00001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1040HE_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS1040HE_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS1040HE_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS1040HE_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS1040HE_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. SS1040HE_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
May 20,2016-REV.05
SS1040HE SERIES
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE 40-200Volt
1 Ampere
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrical identical standard JEDEC.
• High conductor
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-123HE, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0006 ounces, 0.0184 grams
• Polarity: Color band denotes cathode end
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
NOTES:
1.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area.
2.Mounted on a FR4 PCB, single-sided copper, mini pad.
PA RAM ETE R
S Y M BO L
SS1040HE
SS1060HE
SS10100HE SS10150HE S S10200HE
UNI TS
M ar k ing Co de
E M
EN
EP
ERL
ES
M aximum Recurrent P ea k Reve rse Vo lt ag e
V
RRM
40
60
100
150
200
V
M aximum RM S Vo lt ag e
V
RM S
28
42
70
105
140
V
M aximum DC Blo cking Vo lt ag e
V
R
40
60
100
150
200
V
M aximum Aver age For w ar d Cur r ent
I
O
1A
Pe ak Fo rw a rd S urge Curre nt : 8 . 3ms sing le half sine-w a ve
supe r imp o sed on r at e d lo ad
I
FSM
30
A
M aximum For w ar d Volt age at 1A
V
F
0. 5 5
0. 7
0 . 8
0. 8 5
V
M aximum DC Reve r se Cur r ent
I
R
30
μA
Typ ica l Junct io n ca pa cit a nce at VR=0V, f =1 M HZ
C
J
155
125
100
85
pF
Typ ica l Ther mal Re sist a nce , Junct io n t o Ambie nt
( Not e 2)
Junctio n to Ca se
( No te 1 )
R
ΘJA
R
ΘJC
185
20
O C/ W
O per at ing Junc tion Temper at ur e and St or age Temper at ur e Range
T
J,T STG
- 55 to + 1 50
O C
0.114(2.90)
0.106(2.70)
0.012(0.30)
0.007(0.20)
0.154(3.90)
0.137(3.50)
0.091(2.30)
0.074(1.90)
0.048(1.20)
0.031(0.80)
0.040(1.00)
0.031(0.80)


Numéro de pièce similaire - SS1040HE_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1040HE_R1_00001 PANJIT-SS1040HE_R1_00001 Datasheet
307Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SS1040HE_R1_00001

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com