Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV16WS Fiches technique(PDF) 1 Page - Diode Semiconductor Korea

No de pièce BAV16WS
Description  Silicon Epitaxial Planar Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV16WS Fiches technique(HTML) 1 Page - Diode Semiconductor Korea

  BAV16WS Datasheet HTML 1Page - Diode Semiconductor Korea BAV16WS Datasheet HTML 2Page - Diode Semiconductor Korea BAV16WS Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Diode
BAV16WS
FEATURES
Fast Switching Speed:trr=4ns(Typ).
Surface Mount Package Ideally Suited For
Automatic Insertion.
For General Purpose Switching Applications.
High Conductance.
Available in Lead Free Version.
APPLICATIONS
SOD-323
Surface mount fast switching diode.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV16WS
T6
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
Io
150
mA
Non-Repetitive Peak Forward Surge Current @t=1.0 μs
@t=1.0 s
IFSM
2.0
1.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
/W
Operating and Storage Temperature Rage
Tj,TSTG
-65 to+150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Numéro de pièce similaire - BAV16WS

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Goodwork Semiconductor ...
BAV16WS GWSEMI-BAV16WS Datasheet
216Kb / 3P
   FAST SWITCH ING DIODE
logo
Rectron Semiconductor
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
logo
Microdiode Electronics ...
BAV16WS CHENDA-BAV16WS Datasheet
572Kb / 2P
   FAST SWITCHING DIODES
logo
Diodes Incorporated
BAV16WS DIODES-BAV16WS Datasheet
62Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
More results

Description similaire - BAV16WS

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com