Moteur de recherche de fiches techniques de composants électroniques |
|
UA7885QKTE Fiches technique(PDF) 8 Page - Texas Instruments |
|
UA7885QKTE Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 29 page uA7805, uA7808, uA7810 uA7812, uA7815, uA7824 SLVS056P – MAY 1976 – REVISED JANUARY 2015 www.ti.com 7.8 Electrical Characteristics — uA7812 at specified virtual junction temperature, VI = 19 V, IO = 500 mA (unless otherwise noted) μA7812C PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX 25°C 11.5 12 12.5 IO = 5 mA to 1 A, VI = 14.5 V to 27 V, Output voltage V PD ≤ 15 W 0°C to 125°C 11.4 12.6 VI = 14.5 V to 30 V 10 240 Input voltage regulation 25°C mV VI = 16 V to 22 V 3 120 VI = 15 V to 25 V, f = 120 Hz 55 71 Ripple rejection(2) 0°C to 125°C dB VI = 15 V to 25 V, f = 120 Hz (KCT) 61 IO = 5 mA to 1.5 A 12 240 Output voltage regulation 25°C mV IO = 250 mA to 750 mA 4 120 Output resistance f = 1 kHz 0°C to 125°C 0.018 Ω Temperature coefficient of output voltage IO = 5 mA 0°C to 125°C –1 mV/°C Output noise voltage f = 10 Hz to 100 kHz 25°C 75 μV Dropout voltage IO = 1 A 25°C 2 V Bias current 25°C 4.3 8 mA VI = 14.5 V to 30 V 1 Bias current change 0°C to 125°C mA IO = 5 mA to 1 A 0.5 Short-circuit output current 25°C 350 mA Peak output current 25°C 2.2 A (1) Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. (2) This parameter is validated by design and verified during product characterization. It is not tested in production. 8 Submit Documentation Feedback Copyright © 1976–2015, Texas Instruments Incorporated Product Folder Links: uA7805 uA7808 uA7810 uA7812 uA7815 uA7824 |
Numéro de pièce similaire - UA7885QKTE |
|
Description similaire - UA7885QKTE |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |