Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3611N Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3611N
Description  QUAD SCHOTTKY DIODE ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3611N Fiches technique(HTML) 2 Page - Texas Instruments

  UC3611N Datasheet HTML 1Page - Texas Instruments UC3611N Datasheet HTML 2Page - Texas Instruments UC3611N Datasheet HTML 3Page - Texas Instruments UC3611N Datasheet HTML 4Page - Texas Instruments UC3611N Datasheet HTML 5Page - Texas Instruments UC3611N Datasheet HTML 6Page - Texas Instruments UC3611N Datasheet HTML 7Page - Texas Instruments UC3611N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UC1611
UC3611
SLUS338A – JUNE 1993 – REVISED MAY 2001
2
www.ti.com
J OR N PACKAGE
(TOP VIEW)
DW PACKAGE
(TOP VIEW)
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Peak inverse voltage (per diode)
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode-to-diode voltage
80 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak forward current
UC1611
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
UC3611
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at TA = 70°C
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Please consult packaging section of data book for thermal limitations and considerations of package.
electrical characteristics, all specifications apply to each individual diode, TJ = 25°C, TA = TJ,
(except as noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
For ard oltage drop
IF = 100 mA
0.3
0.4
0.7
V
Forward voltage drop
IF = 1 A
0.9
1.2
V
Leakage current
VR = 40 V
0.01
0.1
mA
Leakage current
VR = 40 V,
TJ = 100°C
0.1
1.0
mA
Reverse recovery
0.5 A forward to 0.5 A reverse
20
ns
Forward recovery
1 A forward to 1.1 V recovery
40
ns
Junction capacitance
VR = 5V
100
pF
NOTE: At forward currents of greater than 1.0 A, a parasitic current of approximately 10 mA may be collected by adjacent diodes.


Numéro de pièce similaire - UC3611N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3611N TI1-UC3611N Datasheet
179Kb / 7P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC3611N TI1-UC3611N Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
logo
Cirrus Logic
UC3611N APEX-UC3611N Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Texas Instruments
UC3611NG4 TI1-UC3611NG4 Datasheet
179Kb / 7P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC3611NG4 TI1-UC3611NG4 Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com